Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8714008I Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS8714008I
Description  FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8714008I Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS8714008I Datasheet HTML 17Page - Renesas Technology Corp ICS8714008I Datasheet HTML 18Page - Renesas Technology Corp ICS8714008I Datasheet HTML 19Page - Renesas Technology Corp ICS8714008I Datasheet HTML 20Page - Renesas Technology Corp ICS8714008I Datasheet HTML 21Page - Renesas Technology Corp ICS8714008I Datasheet HTML 22Page - Renesas Technology Corp ICS8714008I Datasheet HTML 23Page - Renesas Technology Corp ICS8714008I Datasheet HTML 24Page - Renesas Technology Corp ICS8714008I Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ICS8714008I DATA SHEET
FEMTOCLOCK® ZERO DELAY BUFFER/CLOCK GENERATOR FOR PCI EXPRESSTM AND ETHERNET
ICS8714008DKI REVISION A NOVEMBER 25, 2013
21
©2013 Integrated Device Technology, Inc.
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, HCSL and other
differential signals. Both signals must meet the VPP and VCMR input
requirements. Figures 4A to 4F show interface examples for the
CLK/nCLK input driven by the most common driver types. The input
interfaces suggested here are examples only. Please consult with the
vendor of the driver component to confirm the driver termination
requirements. For example, in Figure 4A, the input termination
applies for IDT open emitter LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
Figure 4A. CLK/nCLK Input Driven by an
IDT Open Emitter LVHSTL Driver
Figure 4C. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 4E. CLK/nCLK Input Driven by a
3.3V HCSL Driver
Figure 4B. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 4D. CLK/nCLK Input Driven by a 3.3V LVDS Driver
Figure 4F. CLK/nCLK Input Driven by a
3.3V MLVDS Driver
R1
50
Ω
R2
50
Ω
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input
3.3V
CLK
nCLK
3.3V
3.3V
LVPECL
Differential
Input
HCSL
*R3
*R4
CLK
nCLK
3.3V
3.3V
Differential
Input
CLK
nCLK
Differential
Input
LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
R1
50
Ω
R2
50
Ω
R2
50
Ω
3.3V
R1
100
Ω
LVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Ω
Zo = 50
Ω
3.3V
R1
100
Ω
R2
100
Ω
MLVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Ω
Zo = 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com