Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952607 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS952607
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952607 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS952607 Datasheet HTML 9Page - Renesas Technology Corp ICS952607 Datasheet HTML 10Page - Renesas Technology Corp ICS952607 Datasheet HTML 11Page - Renesas Technology Corp ICS952607 Datasheet HTML 12Page - Renesas Technology Corp ICS952607 Datasheet HTML 13Page - Renesas Technology Corp ICS952607 Datasheet HTML 14Page - Renesas Technology Corp ICS952607 Datasheet HTML 15Page - Renesas Technology Corp ICS952607 Datasheet HTML 16Page - Renesas Technology Corp ICS952607 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS952607
0734A—07/26/05
I
2C Table: Spread Spectrum Control Register
Control
Function
Bit 7
Reserv ed
Res erv ed
R
0
Bit 6
Reserv ed
Res erv ed
R
0
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
I
2C Table: Output Divider Control Register
Control
Function
Bit 7
SRC Div3
RW
0000:/2
0100:/4
1000:/8
1100:/16
X
Bit 6
SRC Div2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 5
SRC Div1
RW
0010:/5
0110:/10 1010:/20
1110:/40
X
Bit 4
SRC Div0
RW
0011:/7
0111:/14 1011:/28
1111:/56
X
Bit 3
CPU Div3
RW
0000:/2
0100:/4
1000:/8
1100:/16
X
Bit 2
CPU Div2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 1
CPU Div1
RW
0010:/5
0110:/10 1010:/20
1110:/40
X
Bit 0
CPU Div0
RW
0011:/7
0111:/14 1011:/28
1111:/56
X
I
2C Table: Output Divider Control Register
Control
Function
Bit 7
Reserv ed
Res erv ed
RW
X
Bit 6
Reserv ed
Res erv ed
RW
X
Bit 5
Reserv ed
Res erv ed
RW
X
Bit 4
Reserv ed
Res erv ed
RW
X
Bit 3
3V66Div3
RW
0000:/2
0100:/4
1000:/8
1100:/16
X
Bit 2
3V66Div2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 1
3V66Div1
RW
0010:/5
0110:/10 1010:/20
1110:/40
X
Bit 0
3V66Div0
RW
0011:/7
0111:/14 1011:/28
1111:/56
X
I
2C Table: Output Divider Control Register
Control
Function
Bit 7
Reserv ed
Res erv ed
RW
X
Bit 6
3V66INV
3V66 Phas e Inv ert
RW
X
Bit 5
SRCINV
SRC Phas e Inv ert
RW
X
Bit 4
CPUINV
CPU Phas e Inv ert
RW
X
Bit 3
Reserv ed
Res erv ed
RW
0
Bit 2
Reserv ed
Res erv ed
RW
0
Bit 1
Reserv ed
Res erv ed
RW
0
Bit 0
Reserv ed
Res erv ed
RW
0
I
2C Table: Group Skew Control Register
Control
Function
Bit 7
Reserv ed
Res erv ed
RW
0
Bit 6
Reserv ed
Res erv ed
RW
0
Bit 5
Reserv ed
Res erv ed
RW
0
Bit 4
Reserv ed
Res erv ed
RW
0
Bit 3
Reserv ed
Res erv ed
RW
0
Bit 2
Reserv ed
Res erv ed
RW
0
Bit 1
Reserv ed
Res erv ed
RW
0
Bit 0
Reserv ed
Res erv ed
RW
0
PWD
-
Byte 14
Pin #
Nam e
Type
-
-
Spread Spectrum
Programming b(13:8)
-
-
-
-
-
PWD
-
SRC Divider Ratio
Programmaing Bits
-
-
-
Byte 15
Pin #
Nam e
Type
CPUDivider Ratio
Programmaing Bits
-
-
-
-
Byte 16
Pin #
-
--
-
-
PWD
-
Nam e
Type
--
-
3V66 Divider Ratio
Programmaing Bits
-
-
-
-
-
-
PWD
-
Byte 17
Pin #
Nam e
Type
0
PWD
-
Nam e
Type
0
1
--
Byte 18
-
-
-
-
Pin #
-
-
-
-
-
-
-
-
Thes e Spread Spec trum bits in By te 13
and 14 will program the s pread
pecentage. It is recommended to us e
ICS Spread % table for spread
programming.
01
--
-
--
01
01
--
--
1
--
--
Default
Inv erse
--
Default
Default
Inv erse
Inv erse
--
--
--
--
--
--
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com