Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952607 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS952607
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952607 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS952607 Datasheet HTML 10Page - Renesas Technology Corp ICS952607 Datasheet HTML 11Page - Renesas Technology Corp ICS952607 Datasheet HTML 12Page - Renesas Technology Corp ICS952607 Datasheet HTML 13Page - Renesas Technology Corp ICS952607 Datasheet HTML 14Page - Renesas Technology Corp ICS952607 Datasheet HTML 15Page - Renesas Technology Corp ICS952607 Datasheet HTML 16Page - Renesas Technology Corp ICS952607 Datasheet HTML 17Page - Renesas Technology Corp ICS952607 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS952607
0734A—07/26/05
I
2C Table: Group Skew Control Register
Control
Function
Bit 7
3V66Skw3
RW
0000:0
0100:150
1000:300
1100:450
0
Bit 6
3V66Skw2
RW
0001:N/A
0101:N/A
1001:N/A
1101:600
0
Bit 5
3V66Skw1
RW
0010:N/A
0110:N/A
1010:N/A
1110:750
0
Bit 4
3V66Skw0
RW
0011:N/A
0111:N/A
1011:N/A
1111:900
0
Bit 3
PCISkw3
RW
0000:0
0100:150
1000:300
1100:450
1
Bit 2
PCISkw2
RW
0001:N/A
0101:N/A
1001:N/A
1101:600
1
Bit 1
PCISkw1
RW
0010:N/A
0110:N/A
1010:N/A
1110:750
0
Bit 0
PCISkw0
RW
0011:N/A
0111:N/A
1011:N/A
1111:900
0
I
2C Table: Group Skew Control Register
Control
Function
Bit 7
PCISkw3
RW
0000:0
0100:150
1000:300
1100:450
1
Bit 6
PCISkw2
RW
0001:N/A
0101:N/A
1001:N/A
1101:600
1
Bit 5
PCISkw1
RW
0010:N/A
0110:N/A
1010:N/A
1110:750
0
Bit 4
PCISkw0
RW
0011:N/A
0111:N/A
1011:N/A
1111:900
0
Bit 3
Reserved
Reserved
RW
0
Bit 2
Reserved
Reserved
RW
0
Bit 1
Reserved
Reserved
RW
0
Bit 0
Reserved
Reserved
RW
0
I
2C Table: Slew Rate Control Register
Control
Function
Bit 7
PCIFStr1
1
Bit 6
PCIFStr0
1
Bit 5
Reserved
Reserved
RW
1
Bit 4
Reserved
Reserved
RW
1
Bit 3
Reserved
Reserved
RW
1
Bit 2
Reserved
Reserved
RW
1
Bit 1
AGPStr1
RW
1
Bit 0
AGPStr0
RW
1
I
2C Table: Slew Rate Control Register
Control
Function
Bit 7
RW
1
Bit 6
RW
0
Bit 5
PCIFStr1
1
Bit 4
PCIFStr0
1
Bit 3
PCIFStr1
1
Bit 2
PCIFStr0
1
Bit 1
PCIFStr1
1
Bit 0
PCIFStr0
1
I
2C Table: Output Control Register
Control
Function
Bit 7
48MHz_0
Output Control
RW
1
Bit 6
24_48MHz
Output Control
RW
1
Bit 5
REF1
Output Control
RW
1
Bit 4
REF0
Output Control
RW
1
Bit 3
REF2
Output Control
RW
1
Bit 2
48MHz_1
Output Control
RW
1
Bit 1
Reserved
Reserved
RW
0
Bit 0
Reserved
Reserved
RW
0
--
Enable
Disable
Enable
--
-
Disable
Enable
Disable
Enable
01
01 = 0.75X
11 = 1.00X
00 = 0.63X
--
Type
PWD
Disable
Enable
Disable
Enable
Disable
PWD
01
01
--
--
-
01
Byte 20
Pin #
Name
Type
0
1
CPU-PCI 7 Step Skew
Control (ps)
-
01 = 0.75X
10 = 0.88X
--
00 = 0.70X
10 = 0.90X
11 = 1.00X
--
-
Pin #
-
-
-
Byte 23
Pin #
-
-
-
-
-
-
-
-
-
-
-
-
-
-
PWD
AGPCLK Strength
Control
-
Byte 22
Pin #
Name
-
PWD
-
PCICLKF (2:0) Strength
Control
-
Byte 21
Pin #
Name
Type
RW
00 = 0.63X
CPU-PCI F(2:0) 7 Step
Skew Control (ps)
-
-
-
-
-
PWD
-
CPU-3V66 7 Step Skew
Control (ps)
-
-
-
Byte 19
Name
Type
Name
-
3
21
2
1
23
-
-
PCICLK (1:0) Strength
Control
00 = 0.63X
-
--
01 = 0.80X
11 = 1.00X
01 = 0.75X
11 = 1.00X
22
Type
RW
00 = 0.63X
10 = 0.88X
REF_Slw
REF Slew Rate Control
PCICLK (5) Strength
Control
00 = Medium
10 = Strong
01 = Weak
11 = N/A
10 = 0.88X
PCICLK (4:2) Strength
Control
10 = 0.88X
01 = 0.75X
11 = 1.00X
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com