Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS953002 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ICS953002
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS953002 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ICS953002 Datasheet HTML 19Page - Renesas Technology Corp ICS953002 Datasheet HTML 20Page - Renesas Technology Corp ICS953002 Datasheet HTML 21Page - Renesas Technology Corp ICS953002 Datasheet HTML 22Page - Renesas Technology Corp ICS953002 Datasheet HTML 23Page - Renesas Technology Corp ICS953002 Datasheet HTML 24Page - Renesas Technology Corp ICS953002 Datasheet HTML 25Page - Renesas Technology Corp ICS953002 Datasheet HTML 26Page - Renesas Technology Corp ICS953002 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23
Integrated
Circuit
Systems, Inc.
ICS953002
0924—11/18/09
I
2C Table: Output Control Register
Bit 7
PCIEXCLKT/C5
Output Control
RW
1
Bit 6
PCIEXCLKT/C4
Output Control
RW
1
Bit 5
PCIEXCLKT/C3
Output Control
RW
1
Bit 4
PCIEXCLKT/C2
Output Control
RW
1
Bit 3
PCIEXCLKT/C1
Output Control
RW
1
Bit 2
CPUCLK2/PCIEX0
Output Control
RW
1
Bit 1
CPUCLKT/C1
Output Control
RW
1
Bit 0
CPUCLKT/C0
Output Control
RW
1
I
2C Table: Device Control Register
Bit 7
AGP/PCI PLL Cntrl
AGP/PCI PLL Source
RW
0
Bit 6
PCIEX PLL Cntrl
PCIEX PLL Source
RW
0
Bit 5
Reserved
Reserved
RW
1
Bit 4
Reserved
Reserved
RW
1
Bit 3
ASYNC1
RW
0
Bit 2
ASYNC0
RW
0
Bit 1
Reserved
Reserved
RW
1
Bit 0
Reserved
Reserved
RW
1
I
2C Table: Reserved Register
Bit 7
Reserved
Reserved
RW
0
Bit 6
Reserved
Reserved
RW
0
Bit 5
Reserved
Reserved
RW
0
Bit 4
Reserved
Reserved
RW
0
Bit 3
Reserved
Reserved
RW
0
Bit 2
Reserved
Reserved
RW
0
Bit 1
Reserved
Reserved
RW
0
Bit 0
Reserved
Reserved
RW
0
I
2C Table: Vendor ID Register
Bit 7
REVID3
Revision ID
R
0
Bit 6
REVID2
Revision ID
R
0
Bit 5
REVID1
Revision ID
R
0
Bit 4
REVID0
Revision ID
R
0
Bit 3
VID3
Vendor ID
R
0
Bit 2
VID2
Vendor ID
R
0
Bit 1
VID1
Vendor ID
R
0
Bit 0
VID0
Vendor ID
R
1
--
-
--
-
-
-
-
-
-
-
-
-
-
-
--
-
01 = 66.0/33.0
Enable
PLL1
PLL2
Disable
0
Enable
-
-
-
-
-
-
-
-
-
-
-
-
-
Byte 6
Pin #
-
-
-
Pin #
-
Name
-
-
-
-
-
-
Byte 4
-
Pin #
-
-
-
Name
Control Function
Control Function
0
-
0001 = ICS
Type
Type
Type
Name
1PWD
1
01
Type
-
PWD
PWD
PWD
Byte 7
-
-
-
-
-
Name
-
Byte 5
-
-
-
-
Pin #
Control Function
Control Function
3V66/PCI Async Freq
Prog bits
Disable
Disable
-
-
-
Enable
Disable
Disable
Disable
-
00 = PLL1/2
10 = 75.4/37.7
PLL2
11 = 88.0/44.0
-
Disable
PLL1
-
0
-
-
-
Enable
Disable
Enable
--
--
Enable
Enable
Enable
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com