Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS953002 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ICS953002
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS953002 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ICS953002 Datasheet HTML 20Page - Renesas Technology Corp ICS953002 Datasheet HTML 21Page - Renesas Technology Corp ICS953002 Datasheet HTML 22Page - Renesas Technology Corp ICS953002 Datasheet HTML 23Page - Renesas Technology Corp ICS953002 Datasheet HTML 24Page - Renesas Technology Corp ICS953002 Datasheet HTML 25Page - Renesas Technology Corp ICS953002 Datasheet HTML 26Page - Renesas Technology Corp ICS953002 Datasheet HTML 27Page - Renesas Technology Corp ICS953002 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
Integrated
Circuit
Systems, Inc.
ICS953002
0924—11/18/09
I
2C Table: Byte Count Register
Bit 7
BC7
RW
0
Bit 6
BC6
RW
0
Bit 5
BC5
RW
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
1
Bit 1
BC1
RW
1
Bit 0
BC0
RW
1
I
2C Table: WD Time Control Register
Bit 7
WDEN
Watchdog Enable
RW
0
Bit 6
WDSEN
Watchdog Soft Reset
Enable
RW
0
Bit 5
WD Alarm Status
WD Alarm Status
R
x
Bit 4
WD Soft Status
WD Soft Reset Status
R
x
Bit 3
WDTCtrl
Watch Dog Time base
Control
RW
0
Bit 2
WD2
WD Timer Bit 2
RW
1
Bit 1
WD1
WD Timer Bit 1
RW
1
Bit 0
WD0
WD Timer Bit 0
RW
1
I
2C Table: M/N Programming & WD Safe Frequency Control Register
Bit 7
Reserved
Reserved
RW
1
Bit 6
Reserved
Reserved
RW
1
Bit 5
WD Safe Freq
Source
WD Safe Freq Source
RW
0
Bit 4
WD SF4
RW
0
Bit 3
WD SF3
RW
0
Bit 2
WD SF2
RW
0
Bit 1
WD SF1
RW
0
Bit 0
WD SF0
RW
0
I
2C Table: PLL1 Frequency Control Register
Bit 7
N Div8
N Divider Prog bit 8
RW
X
Bit 6
N Div9
N Divider Prog bit 9
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
Name
Byte 8
Pin #
-
-
Watch Dog Safe Freq
Programming bits
-
-
-
-
-
-
-
Byte 9
Pin #
Name
-
PWD
M Divider
Programming bits
Type
Type
PWD
PWD
Type
01
1
PWD
-
Byte Count
Programming b(7:0)
-
-
-
-
-
-
-
Type
-
-
-
-
Byte 10
Pin #
Control Function
Name
-
Byte 11
Pin #
Name
-
-
-
-
-
-
-
-
-
Control Function
Control Function
Control Function
0
Alarm
The decimal representation of M and N
Divier in Byte 11 and 12 will configure the
PLL1 VCO frequency. Default at power
up = latch-in or Byte 0 Rom table.
VCO Frequency = 14.318 x [NDiv(9:0)+8]
/ [MDiv(5:0)+2]
Disable
Enable
1160ms Base
Writing to this register will configure how
many bytes will be read back, default is
0F = 15 bytes.
Writing to these bit will configure the safe
frequency as Byte0 bit (4:0).
-
-
B10b(4:0)
These bits represent X*290ms (or 1.16S)
the watchdog timer waits before it goes to
alarm mode. Default is 7 X 290ms = 2s.
290ms Base
01
Disable
Enable
01
Normal
Normal
Latch Inputs
-
-
Alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com