Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS953002 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ICS953002
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS953002 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ICS953002 Datasheet HTML 22Page - Renesas Technology Corp ICS953002 Datasheet HTML 23Page - Renesas Technology Corp ICS953002 Datasheet HTML 24Page - Renesas Technology Corp ICS953002 Datasheet HTML 25Page - Renesas Technology Corp ICS953002 Datasheet HTML 26Page - Renesas Technology Corp ICS953002 Datasheet HTML 27Page - Renesas Technology Corp ICS953002 Datasheet HTML 28Page - Renesas Technology Corp ICS953002 Datasheet HTML 29Page - Renesas Technology Corp ICS953002 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
Integrated
Circuit
Systems, Inc.
ICS953002
0924—11/18/09
I
2C Table: Output Divider Control Register
Bit 7
Reserved
Reserved
RW
1
Bit 6
Reserved
Reserved
RW
1
Bit 5
Reserved
Reserved
RW
1
Bit 4
Reserved
Reserved
RW
1
Bit 3
AGP/PCIDiv3
RW
0000:/4
0100:/8
1000:/16
1100:/32
X
Bit 2
AGP/PCIDiv2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 1
AGP/PCIDiv1
RW
0010:/5
0110:/10 1010:/20
1110:/40
X
Bit 0
AGP/PCIDiv0
RW
0011:/9
0111:/18 1011:/36
1111:/72
X
I
2C Table: PLL2 Frequency Control Register
Bit 7
N Div8
N Divider Prog bit 8
RW
X
Bit 6
N Div9
N Divider Prog bit 9
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
I
2C Table: PLL2 Frequency Control Register
Bit 7
N Div7
RW
X
Bit 6
N Div6
RW
X
Bit 5
N Div5
RW
X
Bit 4
N Div4
RW
X
Bit 3
N Div3
RW
X
Bit 2
N Div2
RW
X
Bit 1
N Div1
RW
X
Bit 0
N Div0
RW
X
I
2C Table: PLL2 Spread Spectrum Control Register
Bit 7
SSP7
RW
X
Bit 6
SSP6
RW
X
Bit 5
SSP5
RW
X
Bit 4
SSP4
RW
X
Bit 3
SSP3
RW
X
Bit 2
SSP2
RW
X
Bit 1
SSP1
RW
X
Bit 0
SSP0
RW
X
1
--
-
-
-
The decimal representation of M and N
Divier in Byte 17 and 18 will configure the
PLL2 VCO frequency. Default at power
up = latch-in or Byte 0 Rom table.
VCO Frequency = 14.318 x [NDiv(9:0)+8]
/ [MDiv(5:0)+2]
M Divider
Programming bits
Type
0
1
0
Byte 16
Pin #
Name
Control Function
-
-
-
-
-
-
-
-
-
-
1
-
-
-
-
-
N Divider Programming
b(7:0)
Byte 18
-
-
-
0
Byte 17
Pin #
Name
Control Function
-
-
The decimal representation of M and N
Divier in Byte 17 and 18 will configure the
PLL2 VCO frequency. Default at power
up = latch-in or Byte 0 Rom table.
VCO Frequency = 14.318 x [NDiv(9:0)+8]
/ [MDiv(5:0)+2]
-
-
-
-
-
-
-
PWD
PWD
PWD
Name
Control Function
-
Type
AGP/PCI Divider Ratio
Programmaing Bits
PLL1
-
-
-
-
-
-
Byte 19
Pin #
Pin #
-
Name
Control Function
Type
Type
PWD
01
These Spread Spectrum bits in Byte 19
and 20 will program the spread pecentage
of PLL2
Spread Spectrum
Programming b(7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com