Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954101 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS954101
Description  Programmable Timing Control Hub™ for Desktop P4™ Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954101 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS954101 Datasheet HTML 1Page - Renesas Technology Corp ICS954101 Datasheet HTML 2Page - Renesas Technology Corp ICS954101 Datasheet HTML 3Page - Renesas Technology Corp ICS954101 Datasheet HTML 4Page - Renesas Technology Corp ICS954101 Datasheet HTML 5Page - Renesas Technology Corp ICS954101 Datasheet HTML 6Page - Renesas Technology Corp ICS954101 Datasheet HTML 7Page - Renesas Technology Corp ICS954101 Datasheet HTML 8Page - Renesas Technology Corp ICS954101 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS954101
0815G—12/02/08
ICS954101 follows Intel CK410 Yellow Cover specification. This clock synthesizer provides a single chip solution for next
generation P4 Intel processors and Intel chipsets. ICS954101 is driven with a 14.318MHz crystal. It generates CPU outputs up
to 400MHz. It also provides a tight ppm accuracy output for Serial ATA and PCI-Express support.
General Description
Block Diagram
Power Groups
VDD
GND
48
51
Xtal, Ref
1,7
2,6
PCICLK outputs
21,28,34
29
SRCCLK outputs
37
38
Master clock, CPU Analog
11
13
DOT, USB, PLL_48
42
45
CPUCLK clocks
Description
Pin Number
I REF
PLL2
Frequency
Dividers
Programmable
Spread
PLL1
Programmable
Frequency
Dividers
STOP
Logic
48MHz, USB
X1
X2
XTAL
SDATA
SCLK
Vtt_PWRGD#/PD
FS_A
FS_B
FS_C
ITP_EN
TEST_MODE
TEST_SEL
Control
Logic
REFOUT
CPUCLKT (2:0)
CPUCLKC (2:0)
SRCCLKT (7:1)
SRCCLKC (7:1)
PCICLK (5:0)
PCICLKF (2:0)
96MHz_DOTT_0
96MHz_DOTC_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com