Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954101 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS954101
Description  Programmable Timing Control Hub™ for Desktop P4™ Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954101 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS954101 Datasheet HTML 8Page - Renesas Technology Corp ICS954101 Datasheet HTML 9Page - Renesas Technology Corp ICS954101 Datasheet HTML 10Page - Renesas Technology Corp ICS954101 Datasheet HTML 11Page - Renesas Technology Corp ICS954101 Datasheet HTML 12Page - Renesas Technology Corp ICS954101 Datasheet HTML 13Page - Renesas Technology Corp ICS954101 Datasheet HTML 14Page - Renesas Technology Corp ICS954101 Datasheet HTML 15Page - Renesas Technology Corp ICS954101 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS954101
0815G—12/02/08
I
2C Table: Read-Back Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
CPUCLK2/RCCLK7 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 6
SRCCLK6 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 5
SRCCLK5 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 4
SRCCLK4 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 3
SRCCLK3 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 2
SRCCLK2 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 1
SRCCLK1 Enable
Output Enable
RW
DISABLE
ENABLE
1
Bit 0
I
2C Table: Spreading and Device Behavior Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
PCI_F0 Enable
Output Enable
RW
Disable
Enable
1
Bit 6
DOT_96MHz
Output Enable
RW
Disable
Enable
1
Bit 5
USB_48MHz Enable
Output Enable
RW
Disable
Enable
1
Bit 4
REFOUT Enable
Output Enable
RW
Disable
Enable
1
Bit 3
1
Bit 2
CPUT1/CPUC1
Output Enable
RW
Disable
Enable
1
Bit 1
CPUT0/CPUC0
Output Enable
RW
Disable
Enable
1
Bit 0
Spread Spectrum Mode
Spread Off
RW
SPREAD OFF
SPREAD
ON
0
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
PCICLK5
Output Enable
RW
Disable
Enable
1
Bit 6
PCICLK4
Output Enable
RW
Disable
Enable
1
Bit 5
PCICLK3
Output Enable
RW
Disable
Enable
1
Bit 4
PCICLK2
Output Enable
RW
Disable
Enable
1
Bit 3
PCICLK1
Output Enable
RW
Disable
Enable
1
Bit 2
PCICLK0
Output Enable
RW
Disable
Enable
1
Bit 1
PCI_F2 Enable
Output Enable
RW
Disable
Enable
1
Bit 0
PCI_F1 Enable
Output Enable
RW
Disable
Enable
1
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
CPU_ITP/SRCCLK7
RW
Free-Running
Stoppable
0
Bit 6
SRCCLK6
RW
Free-Running
Stoppable
0
Bit 5
SRCCLK5
RW
Free-Running
Stoppable
0
Bit 4
SRCCLK4
RW
Free-Running
Stoppable
0
Bit 3
SRCCLK3
RW
Free-Running
Stoppable
0
Bit 2
SRCCLK2
RW
Free-Running
Stoppable
0
Bit 1
SRCCLK1
RW
Free-Running
Stoppable
0
Bit 0
0
54
4
3
56
55
30,31
26,27
32,33
9
Byte 0
35,36
32,33
30,31
26,27
24,25
22,23
19,20
Byte 2
5
10
24,25
22,23
19,20
-
43,44
-
40,41
12
52
Byte 3
Free-Running
Control
default:
not affected by
PCI/SRC_STOP
(Byte 6, bit 3)
RESERVED
RESERVED
-
Byte 1
54
14,15
RESERVED
35,35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com