Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954101 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS954101
Description  Programmable Timing Control Hub™ for Desktop P4™ Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954101 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS954101 Datasheet HTML 1Page - Renesas Technology Corp ICS954101 Datasheet HTML 2Page - Renesas Technology Corp ICS954101 Datasheet HTML 3Page - Renesas Technology Corp ICS954101 Datasheet HTML 4Page - Renesas Technology Corp ICS954101 Datasheet HTML 5Page - Renesas Technology Corp ICS954101 Datasheet HTML 6Page - Renesas Technology Corp ICS954101 Datasheet HTML 7Page - Renesas Technology Corp ICS954101 Datasheet HTML 8Page - Renesas Technology Corp ICS954101 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
ICS954101
0815G—12/02/08
Pin Configuration
Recommended Application:
CK410 clock, Intel Yellow Cover part
Output Features:
•
2 - 0.7V current-mode differential CPU pairs
•
6 - 0.7V current-mode differential SRC pair for SATA and
PCI-E
•
1 - 0.7V current-mode differential CPU/SRC selectable
pair
•
6 - PCI (33MHz)
•
3 - PCICLK_F, (33MHz) free-running
•
1 - USB, 48MHz
•
1 - DOT, 96MHz, 0.7V current differential pair
•
1 - REF, 14.318MHz
Key Specifications:
•
CPU outputs cycle-cycle jitter < 85ps
•
SRC output cycle-cycle jitter <125ps
•
PCI outputs cycle-cycle jitter < 500ps
•
+/- 300ppm frequency accuracy on CPU & SRC clocks
Programmable Timing Control Hub™ for Desktop P4™ Systems
Functionality
Features/Benefits:
•
Supports tight ppm accuracy clocks for Serial-ATA and
PCI-Express
•
Supports spread spectrum modulation, 0 to -0.5%
down spread
•
Supports CPU clks up to 400MHz
•
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
•
Supports undriven differential CPU, SRC pair in PD#
for power management.
56-pin SSOP & TSSOP
VDDPCI 1
56 PCICLK2
GND 2
55 PCICLK1
PCICLK3 3
54 PCICLK0
PCICLK4 4
53 FS_C/TEST_SEL
PCICLK5 5
52 REFOUT
GND 6
51 GND
VDDPCI 7
50 X1
ITP_EN/PCICLK_F0 8
49 X2
PCICLK_F1 9
48 VDDREF
PCICLK_F210
47SDATA
VDD4811
46SCLK
USB_48MHz 12
45 GND
GND 13
44 CPUCLKT0
DOTT_96MHz 14
43 CPUCLKC0
DOTC_96MHz 15
42 VDDCPU
FS_B/TEST_MODE 16
41 CPUCLKT1
Vtt_PwrGd#/PD 17
40 CPUCLKC1
FS_A_410 18
39 IREF
SRCCLKT1 19
38 GNDA
SRCCLKC1 20
37 VDDA
VDDSRC 21
36 CPUCLKT2_ITP/SRCCLKT_7
SRCCLKT2 22
35 CPUCLKC2_ITP/SRCCLKC_7
SRCCLKC2 23
34 VDDSRC
SRCCLKT3 24
33 SRCCLKT6
SRCCLKC3 25
32 SRCCLKC6
SRCCLKT4_SATA 26
31 SRCCLKT5
SRCCLKC4_SATA 27
30 SRCCLKC5
VDDSRC 28
29 GND
FS_C
1
FS_B
2 FS_A2
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
100.00
33.33 14.318
48.00
96.00
0
0
1
133.33
100.00
33.33 14.318
48.00
96.00
0
1
0
200.00
100.00
33.33 14.318
48.00
96.00
0
1
1
166.66
100.00
33.33 14.318
48.00
96.00
1
0
0
333.33
100.00
33.33 14.318
48.00
96.00
1
0
1
100.00
100.00
33.33 14.318
48.00
96.00
1
1
0
400.00
100.00
33.33 14.318
48.00
96.00
1
1
1
14.318
48.00
96.00
1. FS_C is a three-level input. Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS_B and FS_A are low-threshold inputs. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
RESERVED


Similar Part No. - ICS954101

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS954101 ICST-ICS954101 Datasheet
132Kb / 16P
Programmable Timing Control Hub for Desktop P4 Systems
ICS954101YFLFT ICST-ICS954101YFLFT Datasheet
132Kb / 16P
Programmable Timing Control Hub for Desktop P4 Systems
ICS954101YGLFT ICST-ICS954101YGLFT Datasheet
132Kb / 16P
Programmable Timing Control Hub for Desktop P4 Systems
More results

Similar Description - ICS954101

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS954101 ICST-ICS954101 Datasheet
132Kb / 16P
Programmable Timing Control Hub for Desktop P4 Systems
logo
Renesas Technology Corp
950905 RENESAS-950905 Datasheet
392Kb / 19P
Programmable Timing Control Hub™ for P4™
Mar 2020
954204 RENESAS-954204 Datasheet
368Kb / 18P
Programmable Timing Control Hub™ for Mobile P4™ Systems
Mar 2020
954206B RENESAS-954206B Datasheet
497Kb / 22P
Programmable Timing Control Hub™ for Mobile P4™ Systems
FEBRUARY 22, 2016
ICS950211 RENESAS-ICS950211 Datasheet
376Kb / 22P
Programmable Timing Control Hub™ for P4™
2019
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950219 RENESAS-ICS950219 Datasheet
211Kb / 19P
Programmable Timing Control Hub™ for P4™
12/30/03
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
ICS954201 RENESAS-ICS954201 Datasheet
387Kb / 17P
Programmable Timing Control Hub™ for Mobile P4™ Systems
2019
ICS954309 RENESAS-ICS954309 Datasheet
419Kb / 19P
Programmable Timing Control Hub™ for Mobile P4™ Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com