Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPBAD21 Datasheet(PDF) 3 Page - Marathon Special Products

Part # EPBAD21
Description  115 Amps 600 Volts AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAD21 Datasheet(HTML) 3 Page - Marathon Special Products

  EPBAD21 Datasheet HTML 1Page - Marathon Special Products EPBAD21 Datasheet HTML 2Page - Marathon Special Products EPBAD21 Datasheet HTML 3Page - Marathon Special Products EPBAD21 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.marathonsp.com
3
PDS 0348 REV-H 12/19/17
Wire
Class
Suitable
Conductors
Overcurrent Protection Circuit Required
Voltage AC
Max
Line
Load
Manufacturer
Type
Max Amperage SCCR RMS sym
AMPs
B, C
2 - 4
2 - 4
Square D
JDL32650
250
18kA
480
JGL36250
250
35kA
JJL36250
250
65kA
JLL36250
250
65kA
B,C
2 - 12
2 - 12
Square D
HDL36150
150
18kA
480
HGL36150
150
35kA
HJL36150
150
65kA
HLL36150
150
65kA
B,C
2 - 12
2 - 12
Square D
BDL36125
125
18kA
480
BGL36125
125
35kA
BJL36125
125
65kA
SCCR With Circuit Breakers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com