Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPBAD21 Datasheet(PDF) 1 Page - Marathon Special Products

Part # EPBAD21
Description  115 Amps 600 Volts AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAD21 Datasheet(HTML) 1 Page - Marathon Special Products

  EPBAD21 Datasheet HTML 1Page - Marathon Special Products EPBAD21 Datasheet HTML 2Page - Marathon Special Products EPBAD21 Datasheet HTML 3Page - Marathon Special Products EPBAD21 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Data Sheet
A Regal Brand
www.marathonsp.com
1
EPBAD21
Power Distribution Block
115 Amps 600 Volts AC/DC
Wire Range
•
Line: (1) 2 - #14 AWG (35 - 2.5 mm2)
•
Load: (1) 2 - #14 AWG (35 - 2.5 mm2)
Electrical Ratings
•
115 Amps
•
600V per UL 1953 & CSA 22.2 No.158, class B & C requirements
•
1000 V AC/DC per IEC 60947-7-1 (CE)
•
Short circuit current ratings (SCCR): See SCCR section below for specifications.
•
CU7AL - 75°C connector terminal rating with copper or aluminum wire
•
Touch protection: IP-20 (IEC 60529)
•
Factory & Field Wiring
Agency Compliance
•
UL Listed, Investigated to UL 1953, File QPQS.E309401
•
CSA - certifed to C22.2 No. 158, File No. LR19766 (wire classes B & C only)
•
CE compliant to IEC 60947-7-1
Material Information
•
Insulator base:
•
Thermoplastic
•
Flammability rating of insulator base UL94V0
•
Insulator base temperature rating: -40°C to 125°C (UL RTI)
•
Connector: aluminum, tin plated
•
Terminal set screws: steel, nickel plated
•
Connector mounting screws: steel, zinc plated
•
RoHS compliant


Similar Part No. - EPBAD21

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
EPBAD24 MARATHON-EPBAD24 Datasheet
151Kb / 5P
115 Amps 600 Volts AC/DC
REV-H 12/19/17
More results

Similar Description - EPBAD21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1414300 ETC1-1414300 Datasheet
414Kb / 4P
115 Amps 600 Volts AC/DC
9 REV-E 12/16/16
logo
Marathon Special Produc...
141X200 MARATHON-141X200 Datasheet
400Kb / 3P
115 Amps 600 Volts AC/DC
REV-B 12/16/16
141X201 MARATHON-141X201 Datasheet
388Kb / 3P
115 Amps 600 Volts AC/DC
REV-C 12/16/16
141X202 MARATHON-141X202 Datasheet
333Kb / 3P
115 Amps 600 Volts AC/DC
REV-D 12/11/17
141X203 MARATHON-141X203 Datasheet
398Kb / 3P
115 Amps 600 Volts AC/DC
REV-E 12/16/16
141X205 MARATHON-141X205 Datasheet
391Kb / 3P
115 Amps 600 Volts AC/DC
REV-C 12/16/16
141X300 MARATHON-141X300 Datasheet
414Kb / 4P
115 Amps 600 Volts AC/DC
141X301 MARATHON-141X301 Datasheet
408Kb / 3P
115 Amps 600 Volts AC/DC
REV-C 12/16/16
141X400 MARATHON-141X400 Datasheet
533Kb / 4P
115 Amps 600 Volts AC/DC
08/02/21
EPBAD24 MARATHON-EPBAD24 Datasheet
151Kb / 5P
115 Amps 600 Volts AC/DC
REV-H 12/19/17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com