Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPBAD21 Datasheet(PDF) 4 Page - Marathon Special Products

Part # EPBAD21
Description  115 Amps 600 Volts AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAD21 Datasheet(HTML) 4 Page - Marathon Special Products

  EPBAD21 Datasheet HTML 1Page - Marathon Special Products EPBAD21 Datasheet HTML 2Page - Marathon Special Products EPBAD21 Datasheet HTML 3Page - Marathon Special Products EPBAD21 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.marathonsp.com
4
PDS 0348 REV-H 12/19/17
Installation & Accessories
•
Mounting (Panel or DIN):
•
For use with #10 fastener.
•
Mounting torque to be determined in end use application not to exceed 30 lbf·in (3.4 N·m).
•
Din-Rail mountable on 7.5 X 35 mm rail.
•
When mounting blocks on Din rail, it is recommended to individually mount power blocks. Multi-line
configurations become increasingly difficult to mount as the line length increases.
•
Marker cards:
•
White plastic inserts: EPB Marker Card
•
Available drivers with part numbers are as follows:
•
Armstrong Ind. hand tools - #37-703 or #10-745
•
McMaster Carr - #5557A39 or #54875A46
Drawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com