Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3031 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3031
Description  2 MHz PWM Boost Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3031 Datasheet(HTML) 6 Page - Analog Devices

  ADP3031 Datasheet HTML 1Page - Analog Devices ADP3031 Datasheet HTML 2Page - Analog Devices ADP3031 Datasheet HTML 3Page - Analog Devices ADP3031 Datasheet HTML 4Page - Analog Devices ADP3031 Datasheet HTML 5Page - Analog Devices ADP3031 Datasheet HTML 6Page - Analog Devices ADP3031 Datasheet HTML 7Page - Analog Devices ADP3031 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADP3031
REV. PrB
–6–
PRELIMINARY TECHNICAL DATA
Capacitor Selection
The ADP3031 requires an input capacitor to reduce the
switching ripple and noise on the IN pin. The value of the
input capacitor will be dependent on the application. For
most applications, a minimum of 10 µF is required. For
applications that are running close to current limit or that
have large transient loads, input capacitors in the range of
22 µF to 47 µF are required. The selection of the output
capacitor is also dependent on the application. Given the
allowable output ripple voltage,
∆V
OUT, the criteria for
selecting the output capacitor can be calculated using the
following equations:
()
OUT
IN
OUT
OUT
sOUT
OUT
VV
CI
fV
V
8

−
≥×

×× ∆

(4)
()
OUT
OUT
C
L
V
ESR
IPEAK
∆
≤
(5)
When selecting an output capacitor, make sure that the
ripple current rating is sufficient to cover the rms switching
current of the ADP3031.
The ripple current in the output capacitor is given by the
following:
()
OUT
IN
RMS
OUT
OUT
IN
VV
IC
I
V
−
=
(6)
Multi-layer ceramic capacitors are a good choice, as they
have low ESR, high ripple current rating and a very small
package size. Tantalum or OS-CON capacitors can be used,
however they have a larger package size and have higher
ESR. Table 2 shows a list of several capacitor manufactur-
ers. Consult the manufacturer for more information.
Table 2. Capacitor Manufacturers
Vendor
Phone #
Web Address
AVX
408-573-4150
www.avxcorp.com
Murata
714-852-2001
www.murata.com
Sanyo
408-749-9714
www.sanyovideo.com
Taiyo-Yuden
408-573-4150
www.t-yuden.com
Diode Selection
In specifying a diode, consideration must be given to speed,
the forward current, the forward voltage drop, reverse
leakage current, and the breakdown voltage. The output
diode should be rated to handle the maximum output
current. If the output can be subjected to accidental short
circuits then the diode must be rated to handle currents up
to the current limit of the ADP3031. The breakdown rating
of the diode must exceed the output voltage. A high-speed
diode with low forward drop, and low leakage will help
improve the efficiency of the converter by lowering the
losses of the diode. Schottky diodes are recommended.
Loop Compensation
Like most current programmed PWM converters, the
ADP3031 needs compensation to maintain stability over the
operating conditions of the particular application. For
operation at duty cycles above 50%, the choice of inductor
is critical in maintaining stability. If the slope of the inductor
current is too small or too large, the circuit will be unstable.
See Inductor Selection for more information on choosing
the proper inductor.
The ADP3031 provides a pin (COMP) for compensating
the voltage feedback loop. This is done by connecting a
series RC network from the COMP pin to GND. See
Figure 2. For most applications, the compensation resistor,
R
C, should be in the range of 30 kΩ < RC < 300 kΩ and the
compensation capacitor, C
C
, in the range of 100 pF < C
C
<
4 nF.
REF
COMP
FB
C2
CC
RC
gm
ERROR AMP
Figure 2. Compensation Components
Shutdown
The ADP3031 shuts down to reduce the supply current to
1 µA maximum when the shutdown pin is pulled low. In this
mode, the internal reference, error amplifier, comparator,
biasing circuitry, and the internal MOSFET switch are
turned off. Note that the output is still connected to the
input via the inductor and Schottky diode when in shut-
down.
Layout Procedure
In order to get high efficiency, good regulation and stability,
a good printed circuit board layout is required. It is strongly
recommended that the evaluation board layout be followed
as closely as possible. Use the following general guidelines
when designing printed circuit boards (refer to Figure 1):
1. Keep C
IN close to the IN pin of the ADP3031.
2. Keep the high current path from C
IN, through L1, to the
SW pin and PGND pin as short as possible.
3. Similarly, keep the high current path from C
IN, through
L1, D1, and C
OUT as short as possible.
4. High current traces should be kept as short and as wide
as possible.
5. Place the compensation components as close to the
COMP pin as possible.
6. Place the feedback resistors as close to the FB pin as
possible to prevent noise pickup.
7. Avoid routing noise sensitive traces near the high current
traces and components.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com