Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3031 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3031
Description  2 MHz PWM Boost Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3031 Datasheet(HTML) 2 Page - Analog Devices

  ADP3031 Datasheet HTML 1Page - Analog Devices ADP3031 Datasheet HTML 2Page - Analog Devices ADP3031 Datasheet HTML 3Page - Analog Devices ADP3031 Datasheet HTML 4Page - Analog Devices ADP3031 Datasheet HTML 5Page - Analog Devices ADP3031 Datasheet HTML 6Page - Analog Devices ADP3031 Datasheet HTML 7Page - Analog Devices ADP3031 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADP3031–SPECIFICATIONS
1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
SUPPLY
Input Voltage
V
IN
2.5
5.5
V
Quiescent Current
Switching State
3
I
QSW
f = 600 kHz, light load
2
5
mA
Non-switching State
I
Q
300
500
µA
Shutdown
I
SD
1µA
ERROR AMPLIFIER
Feedback Voltage
V
FB
TBD
1.233
TBD
V
Line Regulation
V
IN = 2.5 V to 5.5 V
–0.1
+0.1
%/V
Bias Current
100
nA
Overall Regulation
Line, Load, Temp
–3
3
%
Transconductance
g
m
100
µA/V
Gain
A
V
1000
V/V
SWITCH
On Resistance
R
ON
at I
SW=1.5 A, VIN = 3.3 V
200
300
m
Ω
Output Load Current
2
I
LOAD
continuous operation
200
300
mA
V
IN = 3.3 V,VOUT =10 V
Leakage Current
V
SWITCH = 12 V
5
µA
Efficiency
2
I
LOAD = 200 mA,
85
%
V
OUT = 10 V, f = 600 kHz
Efficiency
2
I
LOAD = 100 mA,
90
%
V
OUT = 10 V, f = 600 kHz
Peak Current Limit
I
CLSET
1.5
1.8
A
Output Voltage Range
V
OUT
37
12
V
OSCILLATOR
Oscillator Frequency
FOSC
RT = Open
0.5
0.6
0.7
MHz
RT = GND
1.7
2
2.3
MHz
Maximum Duty Cycle
D
MAX
COMP = open, FB = 1 V
80
85
%
SHUTDOWN
Shutdown Input Voltage Low
0.8
V
Shutdown Input Voltage High
2.2
V
UNDER-VOLTAGE LOCKOUT
UVLO Threshold
2.2
2.45
2.5
V
UVLO Hysteresis
100
mV
NOTES
1 All limits at temperature extremes are guaranteed via correlation and characterization using standard Statistical Quality Control (SQC).
2 See Figure xx.
3 This is the average current while switching.
Specifications subject to change without notice.
REV. PrB
–2–
(VIN = +3.3 V, T
A = –40°C to 85°C, unless otherwise noted)
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com