Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3031 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3031
Description  2 MHz PWM Boost Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3031 Datasheet(HTML) 1 Page - Analog Devices

  ADP3031 Datasheet HTML 1Page - Analog Devices ADP3031 Datasheet HTML 2Page - Analog Devices ADP3031 Datasheet HTML 3Page - Analog Devices ADP3031 Datasheet HTML 4Page - Analog Devices ADP3031 Datasheet HTML 5Page - Analog Devices ADP3031 Datasheet HTML 6Page - Analog Devices ADP3031 Datasheet HTML 7Page - Analog Devices ADP3031 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel:781/329-4700
World Wide Web Stie: http://www.analog.com
Fax:781/326-8703
©ANALOG DEVICES, INC., 2002
REV. PrB
8/2/02
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
2 MHz PWM Boost
Switching Regulator
Preliminary Technical Data
ADP3031
FEATURES
Up to 2 MHz PWM Frequency
Fully Integrated 1.5 A Power Switch
3% Output Regulation Accuracy
Adjustable Output Voltage from 3 V to 12 V
Simple Compensation
Small Inductor and MLC Capacitors
90% Efficiency
Under-voltage Lockout
Shutdown
APPLICATIONS
TFT LCD Bias Supplies
Portable Electronic Instruments
Industrial/Instrumentation Equipment
GENERAL DESCRIPTION
The ADP3031 is a high frequency, step-up DC-DC
switching regulator capable of 12 V boosted output voltage
in a space saving MSOP-8 package. It provides high
efficiency, low-noise operation, and is easy to use. Capable
of operating up to 2 MHz, the high switching frequency and
PWM current mode architecture allow for excellent tran-
sient response, ease of noise filtering, and also small, cost-
saving external inductive and capacitive components. The
current limit and the power switch are integrated completely
on chip.
Capable of operating from 2.5 V to 5.5 V input, the
ADP3031 is ideal for Thin-Film Transistor (TFT) Liquid
Crystal Display (LCD) module applications, where local
point-of-use power regulation is required. Featuring an
adjustable output that supports voltages down to 3 V, the
ADP3031 is ideal to generate today’s low voltage rails,
delivering power efficiently, and simply with minimal
printed circuit board area.
The device is specified over the industrial temperature range
of -40°C to +85°C.
Functional Block Diagram
PRELIMINARY TECHNICAL DATA
REF
RAMP
GEN
RT
DRIVER
CURRENT
SENSE
AMPLIFIER
COMP
SW
FB
IN
COMPARATOR
ERROR
AMP
PGND
Q
BIAS
6
3
S
R
F/F
1
gm
2
5
4
SD
7
8
GND
OSC
ADP3031


Similar Part No. - ADP3031

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
ADP30-MB1 CARLOGAVAZZI-ADP30-MB1 Datasheet
661Kb / 3P
Photoelectrics Accessories Mounting Material
ADP30-MB2 CARLOGAVAZZI-ADP30-MB2 Datasheet
661Kb / 3P
Photoelectrics Accessories Mounting Material
logo
Teledyne Technologies I...
ADP300 TELEDYNE-ADP300 Datasheet
3Mb / 16P
High Definition Oscilloscopes
logo
Analog Devices
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV.0
ADP3000 AD-ADP3000 Datasheet
650Kb / 16P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
More results

Similar Description - ADP3031

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16654A HITACHI-HA16654A Datasheet
85Kb / 15P
PWM Controlled Switching Regulator
logo
Advanced Analogic Techn...
AAT1109A ANALOGICTECH-AAT1109A Datasheet
300Kb / 10P
ONE-CHANNEL BOOST SWITCHING REGULATOR
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
Advanced Analog Technol...
AAT1109A AAT-AAT1109A Datasheet
289Kb / 10P
ONE-CHANNEL BOOST SWITCHING REGULATOR
V 0.1
logo
STMicroelectronics
ST1S09 STMICROELECTRONICS-ST1S09_08 Datasheet
417Kb / 18P
2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
31-Jan-2008
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
19-Apr-2010
logo
ON Semiconductor
NCV890230 ONSEMI-NCV890230 Datasheet
144Kb / 18P
2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890200 ONSEMI-NCV890200 Datasheet
143Kb / 18P
2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
logo
New Japan Radio
NJW4141 NJRC-NJW4141 Datasheet
419Kb / 13P
2 - phase Boost Converter Switching Regulator IC
logo
Feeling Technology Corp...
FP6201 FEELING-FP6201 Datasheet
342Kb / 12P
Switching Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com