Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWNJ2 Datasheet(PDF) 5 Page - SPANSION

Part # S75WS256NDFBAWNJ2
Description  Stacked Multi-Chip Product (MCP)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWNJ2 Datasheet(HTML) 5 Page - SPANSION

  S75WS256NDFBAWNJ2 Datasheet HTML 1Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 2Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 3Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 4Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 5Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 6Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 7Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 8Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
October 6, 2005 S75WS-N_02_A2
S75WS-N Based MCPs
3
Pr el im i n a r y
1
Product Selector Guide
b
Note: 0 (Protected), 1 (Unprotected [Default State])
1.1
NOR Flash + pSRAM + ORNAND Flash MCPs
Device
Model
Numbers
MCP Configuration
Code
Density
(Mb)
RAM
Density
(Mb)
Data Flash
Density
(Mb)
Flash
Speed
(MHz)
pSRAM
Speed
(MHz)
DYB
Power-Up
State
(See Note)
pSRAM
(RAM Type 4)
Supplier
Package
84 ball
FBGA
(mm)
Code
Flash
RAM
(Mb)
Data Storage
Flash
S75WS256NDF
LK
WS256N
128
2xWS256N
256
128
512
54
54
0
49x12
NK
1
LJ
66
66
0
NJ
1
LH
80
80
0
NH
1
Device
Model
Numbers
NOR Flash
Density
ORNAND Flash
Density
pSRAM
Density
MCP Speed
Supplier
ORNAND Bus
Width
Package
S75WS256NEG
UK
512 Mb
1024 Mb
256 Mb
54 MHz
1.8 V
pSRAM
Type 4
x16
11 x 13 x 1.4 mm
UJ
66 MHz
UH
80 MHz
SK
54 MHz
x8
SJ
66 MHz
SH
80 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com