Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWNJ2 Datasheet(PDF) 6 Page - SPANSION

Part # S75WS256NDFBAWNJ2
Description  Stacked Multi-Chip Product (MCP)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWNJ2 Datasheet(HTML) 6 Page - SPANSION

Back Button S75WS256NDFBAWNJ2 Datasheet HTML 2Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 3Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 4Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 5Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 6Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 7Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 8Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 9Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
4
S75WS-N Based MCPs
S75WS-N_02_A2 October 6, 2005
Prel imi n ary
2
Ordering Information
The ordering part number is formed by a valid combination of the following:
Package Marking Note:
The BGA package marking omits the leading S75 and packing type designator from the ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult
your local sales office to confirm availability of specific valid combinations and to check on newly
released combinations.
S75WS 256 N D F BA W
L
K 0
Packing Type
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
RAM Supplier; Speed Combination
K
= RAM Type 4, 54 MHz
J
= RAM Type 4, 66 MHz
H
= RAM Type 4, 80 MHz
Package Dimensions and Ball Count; DYB Power Up;
Flash Device Family (Data Storage)
L
= 1.4 mm, 9 x 12, 84 ball; 0, WS as Data Flash
N
= 1.4 mm, 9 x 12, 84 ball; 1, WS as Data Flash
U
= 1.4mm, 11x13, 115-ball, x16 ORNAND Data Flash
S
= 1.4mm, 11x13, 115-ball, x8 ORNAND Data Flash
Temperature Range
W
= Wireless (–25°C to +85°C)
Package Type And Material
BA
= Very Thin Fine-Pitch Ball Grid Array (BGA),
Lead (Pb)-free Compliant Package
BF
= Very Thin Fine-Pitch Ball Grid Array (BGA),
Lead (Pb)-free Package
Data Flash Density
F
= 512 Mb
G
= 1024 Mb
RAM Density
D
= 128 Mb
E
= 256 Mb
Process Technology
N
= 110 nm, Mirror Bit Technology
Code Flash Density
256
= 256 Mb
Device Family
S75WS = Multi-chip Product (MCP)
1.8-volt Burst Mode Flash Memory, RAM, and data flash
Table 2.1 MCP Configurations and Valid Combinations
Valid Combination
S75WS256N
D
F
BA, BF
W
L, N
K, H
Table 2.2 ORNAND Configurations and Valid Combinations
Valid Combination
S75WS256N
E
G
BA, BF
W
U, S
K, J, H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com