Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWNJ2 Datasheet(PDF) 11 Page - SPANSION

Part # S75WS256NDFBAWNJ2
Description  Stacked Multi-Chip Product (MCP)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWNJ2 Datasheet(HTML) 11 Page - SPANSION

Back Button S75WS256NDFBAWNJ2 Datasheet HTML 7Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 8Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 9Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 10Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 11Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 12Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 13Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 14Page - SPANSION S75WS256NDFBAWNJ2 Datasheet HTML 15Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
October 6, 2005 S75WS-N_02_A2
S75WS-N Based MCPs
9
Pr el im i n a r y
5.3
Connection Diagram – ORNAND-Based Pinout, 11 x 13 mm
Note: Bus 1: NOR Flash + pSRAM, Bus 2: ORNAND Flash
Legend
Reserved for
Future Use
Do Not Use
NOR Flash Only
NAND Flash Only
PSRAM 1 Only
PSRAM 2 Only
PSRAM Shared Only
NOR Flash &
PSRAM Shared
A1
A2
A9
A10
B1
B2
B9
B10
C3
C2
C9
C10
C5
C4
C7
C6
C8
D3
D2
D9
D10
D5
D4
D7
D6
D8
D1
E3
E2
E9
E10
E5
E4
E7
E6
E8
E1
F3
F2
F9
F10
F5
F4
F7
F6
F8
F1
G3
G2
G9
G10
G5
G4
G7
G6
G8
G1
H3
H2
H9
H10
H5
H4
H7
H6
H8
H1
J3
J2
J9
J10
J5
J4
J7
J6
J8
J1
K3
K2
K9
K10
K5
K4
K7
K6
K8
K1
L3
L2
L9
L10
L5
L4
L7
L6
L8
L1
N2
N9
N10
N1
P2
P9
P10
P1
M3
M2
M9
M10
M5
M4
M7
M6
M8
M1
DNU
DNU
DNU
DNU
DNU
DNU
DNU
DNU
DNU
DNU
DNU
DNU
DNU
DNU
DNU
DNU
DNU
DNU
AVD#
V
SS
CLK
RFU
IO15
IO14
IO13
IO12
N-RY/BY# F-WP#
A7
R-LB#
F-ACC
WE#
A8
A11
IO11
IO10
N-RE#
A3
A6
R-UB#
F-RST#
R2-CE#
A19
A12
A15
IO9
N-CE#
A2
A5
A18
RDY
A20
A9
A13
A21
IO8
N-V
CC
A1
A4
A17
RFU
A23
A10
A14
A22
N-V
CC
N-V
SS
A0
V
SS
DQ1
RFU
RFU
DQ6
RFU
A16
N-V
SS
N-CLE#
F1-CE#
OE#
DQ9
DQ3
DQ4
DQ13
DQ15
R-MRS
IO7
N-ALE# R1-CE#
DQ0
DQ10
F-V
CC
R-V
CC
DQ12
DQ7
V
SS
IO6
N-WE#
N-WP#
DQ8
DQ2
DQ11
RFU
DQ5
DQ14
IO4
IO5
RFU
RFU
V
SS
F-V
CC
IO0
IO1
IO2
IO3
PRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com