Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF246B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF246B
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF246B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF246B Datasheet HTML 4Page - NXP Semiconductors BLF246B Datasheet HTML 5Page - NXP Semiconductors BLF246B Datasheet HTML 6Page - NXP Semiconductors BLF246B Datasheet HTML 7Page - NXP Semiconductors BLF246B Datasheet HTML 8Page - NXP Semiconductors BLF246B Datasheet HTML 9Page - NXP Semiconductors BLF246B Datasheet HTML 10Page - NXP Semiconductors BLF246B Datasheet HTML 11Page - NXP Semiconductors BLF246B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2000 Feb 04
8
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF246B
List of components class-B test circuit (see Figs 11 and 12)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed-circuit board with epoxy glass dielectric (
εr = 4.5); thickness
1
⁄16 inch. The other side of the board is fully metallized and used as a ground plane. The ground planes on each side
of the board are connected together by means of copper straps and hollow rivets.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1, C2, C25, C26 multilayer ceramic chip capacitor; note 1 91 pF
C3
film dielectric trimmer
4 to 40 pF
2222 809 08002
C4
multilayer ceramic chip capacitor; note 1 180 pF
C5, C22, C24
film dielectric trimmer
5 to 60 pF
2222 809 08003
C6
multilayer ceramic chip capacitor; note 1 100 pF
C7, C9, C12,
C14, C17, C19
multilayer ceramic chip capacitor; note 1 100 nF
2222 852 47104
C8, C10, C15,
C16
multilayer ceramic chip capacitor; note 1 680 pF
C11, C20
multilayer ceramic chip capacitor; note 1 10 nF
2222 852 47103
C13, C18
electrolytic capacitor
10
µF, 63 V
C21
multilayer ceramic chip capacitor; note 1 82 pF
C23
multilayer ceramic chip capacitor; note 1 33 pF
L1, L3, L22, L24
stripline; note 2
55
Ω
111
× 2.5 mm
L2, L23
semi-rigid cable
50
Ω
length 111 mm
ext. dia 2.2 mm
L4, L5
stripline; note 2
50
Ω
6.5
× 2.8 mm
L6, L7
stripline; note 2
50
Ω
35
× 2.8 mm
L8, L9
stripline; note 2
50
Ω
5
× 2.8 mm
L10, L11
stripline; note 2
50
Ω
9
× 2.8 mm
L12, L15
grade 3B Ferroxcube wideband
HF choke
4312 020 36642
L13, L14
4 turns enamelled 1 mm copper wire
50 nH
length 6.5 mm
int. dia. 4 mm
leads 2
× 5mm
L16, L17
stripline; note 2
50
Ω
17
× 2.8 mm
L18, L19
stripline; note 2
50
Ω
26
× 2.8 mm
L20, L21
stripline; note 2
50
Ω
4
× 2.8 mm
R1, R2, R7, R8
metal film resistor
0.4 W, 10
Ω
R3, R4
10 turns potentiometer
50 k
Ω
R5, R6
metal film resistor
0.4 W, 205 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com