Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF246B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF246B
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF246B Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF246B Datasheet HTML 1Page - NXP Semiconductors BLF246B Datasheet HTML 2Page - NXP Semiconductors BLF246B Datasheet HTML 3Page - NXP Semiconductors BLF246B Datasheet HTML 4Page - NXP Semiconductors BLF246B Datasheet HTML 5Page - NXP Semiconductors BLF246B Datasheet HTML 6Page - NXP Semiconductors BLF246B Datasheet HTML 7Page - NXP Semiconductors BLF246B Datasheet HTML 8Page - NXP Semiconductors BLF246B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2000 Feb 04
3
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF246B
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per transistor section unless otherwise specified
VDS
drain-source voltage
−
65
V
VGS
gate-source voltage
−±20
V
ID
drain current (DC)
−
8A
Ptot
total power dissipation Tmb ≤ 25 °C total device; both sections equally loaded −
130
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
200
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-mb
thermal resistance from junction to
mounting base
total device; both sections equally
loaded
1.35
K/W
Rth mb-h
thermal resistance from mounting base
to heatsink
total device; both sections equally
loaded
0.25
K/W
Fig.2 DC SOAR.
(1) Current in this area may be limited by RDSon.
(2) Tmb =25 °C.
Total device; both sections equally loaded.
handbook, halfpage
10−1
1
10
110
ID
(A)
VDS (V)
102
(1)
50
MRA932
(2)
Fig.3 Power/temperature derating curves.
(1) Continuous operation.
(2) Short-time operation during mismatch.
Total device; both sections equally loaded.
handbook, halfpage
0
40
80
160
160
120
40
0
80
MGR738
120
Th (°C)
Ptot
(W)
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com