Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF246B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF246B
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF246B Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF246B Datasheet HTML 1Page - NXP Semiconductors BLF246B Datasheet HTML 2Page - NXP Semiconductors BLF246B Datasheet HTML 3Page - NXP Semiconductors BLF246B Datasheet HTML 4Page - NXP Semiconductors BLF246B Datasheet HTML 5Page - NXP Semiconductors BLF246B Datasheet HTML 6Page - NXP Semiconductors BLF246B Datasheet HTML 7Page - NXP Semiconductors BLF246B Datasheet HTML 8Page - NXP Semiconductors BLF246B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2000 Feb 04
2
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF246B
FEATURES
• High power gain
• Easy power control
• Good thermal stability
• Gold metallization ensures
excellent reliability.
APPLICATIONS
Large signal applications in the VHF
frequency range.
DESCRIPTION
Silicon N-channel enhancement
mode vertical D-MOS push-pull
transistor encapsulated in an 8-lead
SOT161A balanced flange package
with a ceramic cap. All leads are
isolated from the flange.
PINNING - SOT161A
PIN
DESCRIPTION
1
source
2
source
3
drain 1
4
gate 1
5
drain 2
6
gate 2
7
source
8
source
PIN CONFIGURATION
CAUTION
This product is supplied in anti-static packing to prevent damage caused by
electrostatic discharge during transport and handling. For further information,
refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A, and SNW-FQ-302B.
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO disc is not damaged. All persons who handle, use or dispose of
this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
Fig.1 Simplified outline and symbol.
andbook, halfpage
MBC826
1357
2468
Top view
MBB157
g2
g1
d2
d1
s
QUICK REFERENCE DATA
RF performance at Th =25 °C in a push-pull common source test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
η
D
(%)
CW, class-AB
175
28
60
>14
>55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com