Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF348 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF348
Description  VHF linear push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF348 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF348 Datasheet HTML 2Page - NXP Semiconductors BLF348 Datasheet HTML 3Page - NXP Semiconductors BLF348 Datasheet HTML 4Page - NXP Semiconductors BLF348 Datasheet HTML 5Page - NXP Semiconductors BLF348 Datasheet HTML 6Page - NXP Semiconductors BLF348 Datasheet HTML 7Page - NXP Semiconductors BLF348 Datasheet HTML 8Page - NXP Semiconductors BLF348 Datasheet HTML 9Page - NXP Semiconductors BLF348 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
October 1992
6
Philips Semiconductors
Product specification
VHF linear push-pull power MOS transistor
BLF348
APPLICATION INFORMATION FOR CLASS-A OPERATION
Th = 70 °C; Rth mb-h = 0.15 K/W unless otherwise specified.
RF performance in a linear amplifier (common source circuit class-A circuit).
RGS = 82 Ω per section; optimum load impedance per section = 0.14 + j0.14 Ω.
Note
1. Three-tone test method (vision carrier
−8 dB, sound carrier −7 dB, sideband signal −16 dB), zero dB corresponds to
peak synchronization level.
Ruggedness in class-A operation
The BLF348 is capable of withstanding a load mismatch corresponding to VSWR = 20 through all phases under the
following conditions:
VDS = 28 V; f = 224.25 MHz at rated output power.
MODE OF OPERATION
fvision
(MHz)
VDS
(V)
ID
(A)
Th
(
°C)
dim
(dB)
(note 1)
Po sync
(W)
Gp
(dB)
class-A
224.25
28
2
× 4.6
70
−52
> 67
typ. 70
> 11
typ. 12.5
224.25
28
2
× 4.6
25
−52
typ. 75
typ. 13
224.25
28
2
× 4.6
70
−55
> 54
typ. 57
> 11
typ.12.5
224.25
28
2
× 4.6
25
−55
typ. 62
typ. 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com