Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF348 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF348
Description  VHF linear push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF348 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF348 Datasheet HTML 4Page - NXP Semiconductors BLF348 Datasheet HTML 5Page - NXP Semiconductors BLF348 Datasheet HTML 6Page - NXP Semiconductors BLF348 Datasheet HTML 7Page - NXP Semiconductors BLF348 Datasheet HTML 8Page - NXP Semiconductors BLF348 Datasheet HTML 9Page - NXP Semiconductors BLF348 Datasheet HTML 10Page - NXP Semiconductors BLF348 Datasheet HTML 11Page - NXP Semiconductors BLF348 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
October 1992
11
Philips Semiconductors
Product specification
VHF linear push-pull power MOS transistor
BLF348
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT262A1
97-06-28
0
5
10 mm
scale
Flanged double-ended ceramic package; 2 mounting holes; 4 leads
SOT262A1
p
A
F
b
e
D
q
U1
H1
U2
H
Q
c
5
12
4
3
E
E1
C
A
w1
AB
M
B
M
w3
M
w2
C
UNIT
A
mm
D
b
5.85
5.58
0.16
0.10
21.98
21.71
11.05
10.29
10.03
20.58
20.06
9.91
9.65
5.77
5.00
c
e
U2
0.25
0.51
1.02
w3
27.94
qw2
w1
F
1.78
1.52
U1
34.17
33.90
H1
17.02
16.51
p
3.28
3.02
Q
2.85
2.59
EE1
10.27
10.05
inches
0.230
0.220
0.006
0.004
0.865
0.855
0.435
0.405
0.395
0.81
0.79
0.390
0.380
0.227
0.197
0.01
0.02
0.04
1.100
0.070
0.060
1.345
1.335
0.67
0.65
0.129
0.119
0.112
0.102
0.404
0.396
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com