Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF348 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF348
Description  VHF linear push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF348 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF348 Datasheet HTML 4Page - NXP Semiconductors BLF348 Datasheet HTML 5Page - NXP Semiconductors BLF348 Datasheet HTML 6Page - NXP Semiconductors BLF348 Datasheet HTML 7Page - NXP Semiconductors BLF348 Datasheet HTML 8Page - NXP Semiconductors BLF348 Datasheet HTML 9Page - NXP Semiconductors BLF348 Datasheet HTML 10Page - NXP Semiconductors BLF348 Datasheet HTML 11Page - NXP Semiconductors BLF348 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
October 1992
8
Philips Semiconductors
Product specification
VHF linear push-pull power MOS transistor
BLF348
List of components (class-A test circuit)
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1
film dielectric trimmer
2 to 9 pF
2222 809 09006
C2, C3
multilayer ceramic chip capacitor
(note 1)
2
× 10 pF in
parallel
+ 22 pF
C4, C30
film dielectric trimmer
5 to 60 pF
2222 809 08003
C5
multilayer ceramic chip capacitor
(note 1)
82 pF, 500 V
C6, C9, C10, C13,
C14, C19
multilayer ceramic chip capacitor
100 nF, 50 V
2222 852 47104
C11, C12, C20,
C27
multilayer ceramic chip capacitor
(note 1)
1 nF, 500 V
C7, C8, C16, C17
MKT film capacitor
1
µF
2222 371 11105
C21, C26
electrolytic capacitor
10
µF, 63 V
C22, C25
electrolytic capacitor
220
µF, 63 V
C15, C18, C23,
C24
multilayer ceramic chip capacitor
(note 1)
510 pF, 500 V
C28, C31
multilayer ceramic chip capacitor
(note 1)
2
× 8.2 pF in
parallel, 500 V
C29
multilayer ceramic chip capacitor
(note 1)
3
× 39 pF in
parallel, 500 V
C32
multilayer ceramic chip capacitor
(note 1)
33 pF, 500 V
C33
multilayer ceramic chip capacitor
(note 1)
18 pF, 500 V
C34, C35
multilayer ceramic chip capacitor
(note 1)
10 pF
+ 18 pF +
62 pF (3 in
parallel), 500 V
C36
film dielectric trimmer
2 to 18 pF
2222 809 09003
L1, L3, L22, L24
stripline (note 2)
50
Ω
4.8
× 80 mm
L2, L23
semi-rigid cable (note 3)
50
Ω
ext. conductor
length 80 mm
ext. dia 3.6 mm
L4, L5
stripline (note 2)
43
Ω
6
× 32 mm
L6, L7
stripline (note 2)
43
Ω
6
× 7 mm
L8, L9
stripline (note 2)
43
Ω
6
× 7 mm
L10, L13
grade 3B Ferroxcube wideband
HF choke
2 in parallel
4312 020 36642
L11, L12
3/4 turn enamelled 2 mm copper
wire
40 nH
space 1 mm
int. dia. 10 mm
leads 2
× 7 mm
L14, L15
stripline (notes 2 and 4)
43
Ω
6
× 6 mm
L16, L17
stripline (notes 2 and 4)
43
Ω
6
× 9.5 mm
L18, L19
stripline (notes 2 and 4)
43
Ω
6
× 27.5 mm
L20, L21
stripline (notes 2 and 4)
43
Ω
6
× 13 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com