Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF404 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF404
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF404 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF404 Datasheet HTML 4Page - NXP Semiconductors BLF404 Datasheet HTML 5Page - NXP Semiconductors BLF404 Datasheet HTML 6Page - NXP Semiconductors BLF404 Datasheet HTML 7Page - NXP Semiconductors BLF404 Datasheet HTML 8Page - NXP Semiconductors BLF404 Datasheet HTML 9Page - NXP Semiconductors BLF404 Datasheet HTML 10Page - NXP Semiconductors BLF404 Datasheet HTML 11Page - NXP Semiconductors BLF404 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1998 Jan 29
8
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF404
List of components used in test circuit (see Figs 10 and 11).
Notes
1. American Technical Ceramics type 100A or capacitor of same quality.
2. The striplines are on a double copper-clad printed circuit board, with DUROID dielectric (
εr = 2.2);
thickness 0.79 mm, thickness of the copper sheet 2 x 35
µm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1
electrolytic capacitor
4.7
µF, 10 V
C2, C3
multilayer ceramic chip capacitor
47 nF
C4
multilayer ceramic chip capacitor; note 1
18 pF
C5, C10
multilayer ceramic chip capacitor; note 1
180 pF
C6, C11
multilayer ceramic chip capacitor; note 1
270 pF
C7
multilayer ceramic chip capacitor; note 1
22 pF
C8
multilayer ceramic chip capacitor; note 1
8.2 pF
C9
multilayer ceramic chip capacitor; note 1
2.7 pF
C12
multilayer ceramic chip capacitor; note 1
1.2 pF
C13
multilayer ceramic chip capacitor; note 1
12 pF
L1
2 turns 1 mm enamelled copper wire
on a grade 4B1 Ferroxcube core
ext. dia. = 4.2 mm
int. dia.=2mm
length = 6 mm
L2
3 turns 1 mm enamelled copper wire
int. dia. = 4.6 mm
leads = 2x5mm
L3
bifilar coil
lead dia. = 0.8 mm
L4
bifilar coil
lead dia. = 1 mm
L5
stripline; note 2
50
Ω
8.8
× 2.38 mm
L6
stripline; note 2
50
Ω
5.8
× 2.38 mm
L7
stripline; note 2
50
Ω
6.8
× 2.38 mm
L8
stripline; note 2
50
Ω
3.76
× 2.38 mm
L9
stripline; note 2
50
Ω
5.8
× 2.38 mm
L10
stripline; note 2
50
Ω
4.48
× 2.38 mm
L11
stripline; note 2
50
Ω
3.13
× 2.38 mm
R1, R2
SMD resistor
3.9 k
Ω
R3
metal film resistor
1 k
Ω, 0.25 W
R4
metal film resistor
22
Ω, 0.25 W
R5
metal film resistor
10 k
Ω, 0.25 W
R6
potentiometer
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com