Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF404 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLF404
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF404 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLF404 Datasheet HTML 8Page - NXP Semiconductors BLF404 Datasheet HTML 9Page - NXP Semiconductors BLF404 Datasheet HTML 10Page - NXP Semiconductors BLF404 Datasheet HTML 11Page - NXP Semiconductors BLF404 Datasheet HTML 12Page - NXP Semiconductors BLF404 Datasheet HTML 13Page - NXP Semiconductors BLF404 Datasheet HTML 14Page - NXP Semiconductors BLF404 Datasheet HTML 15Page - NXP Semiconductors BLF404 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
1998 Jan 29
12
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF404
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT409A
0
2.5
5 mm
scale
A
Q1
L
Ceramic surface mounted package; 8 leads
SOT409A
UNIT
c
bD
E
E2
HH1
LQ1
α
α
w1
w2
mm
0.23
0.18
0.58
0.43
4.93
4.01
5.94
5.03
D2
5.16
5.00
4.14
3.99
e
1.27
4.39
4.24
7.47
7.26
0.25
7
°
0
°
0.25
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
1.02
0.51
0.10
0.00
A
2.36
2.06
inches
0.009
0.007
0.023
0.017
0.194
0.158
0.234
0.198
0.203
0.197
0.163
0.157
0.050
0.173
0.167
0.294
0.286
0.010
7
°
0
°
0.010
0.040
0.020
0.004
0.000
0.093
0.081
98-01-27
c
H
14
85
E
A
E2
b
H1
D
D2
e
B
w2
w1
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com