Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF404 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF404
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF404 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF404 Datasheet HTML 1Page - NXP Semiconductors BLF404 Datasheet HTML 2Page - NXP Semiconductors BLF404 Datasheet HTML 3Page - NXP Semiconductors BLF404 Datasheet HTML 4Page - NXP Semiconductors BLF404 Datasheet HTML 5Page - NXP Semiconductors BLF404 Datasheet HTML 6Page - NXP Semiconductors BLF404 Datasheet HTML 7Page - NXP Semiconductors BLF404 Datasheet HTML 8Page - NXP Semiconductors BLF404 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Jan 29
2
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF404
FEATURES
• High power gain
• Easy power control
• Gold metallization
• Good thermal stability
• Withstands full load mismatch
• Designed for broadband operation.
APPLICATIONS
• Communication transmitters in the VHF/UHF range with
a nominal supply voltage of 12.5 V.
DESCRIPTION
Silicon N-channel enhancement mode vertical D-MOS
power transistor in an 8-lead SOT409A SMD package with
a ceramic cap.
PINNING
PIN
DESCRIPTION
1, 8
source
2, 3
gate
4, 5
source
6, 7
drain
Fig.1 Simplified outline SOT409A.
handbook, halfpage
MBK150
Top view
14
85
QUICK REFERENCE DATA
RF performance at Tmb ≤ 60 °C in a common source test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
ηD
(%)
CW class-AB
500
12.5
4
≥10
≥50
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A, and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com