Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S29 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2S29
Description  Long Focal Distance, Reflective Type Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S29 Datasheet(HTML) 2 Page - Sharp Corporation

  GP2S29 Datasheet HTML 1Page - Sharp Corporation GP2S29 Datasheet HTML 2Page - Sharp Corporation GP2S29 Datasheet HTML 3Page - Sharp Corporation GP2S29 Datasheet HTML 4Page - Sharp Corporation GP2S29 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GP2S29
s Electro-optical Characteristics
Parameter
Symbol
Unit
Input
Forward voltage
VF
V
V
V
VFM
VR
=3V
µA
µA
Peak forward voltage
IR
ICEO
nA
mA
Reverse current
Collector dark current
Collector current
Leak current
Output
IC
ILEAK
S/N
µs
µs
IF
=20mA
IFM
=0.5A
VCE
=20V
IC
=0.1mA
VCE
=5V, IF=20mA
VCE
=5V, IF=20mA
IC/ILEAK
IF
=40mA
MIN.
−
−
−
−
−
−
4
10
100
2.4
10
−
MAX.
90
110
1.4
Conditions
VCE
=2V, IC=0.5mA
RL
=1kΩ, d=8mm
TYP.
−
−
−
−
−
−
0.2
75
0.4
0.1
−
38
48
1.25
3
−
Collector-emitter saturation voltage
(Ta
=25˚C)
VCE (sat)
Rise time
tr
Fall time
tf
Transfer
charac-
teristics
Response time
Signal to noise ratio
*4 Refer to Fig.13
*5 Refer to Fig.15
*4
*4
*5
Fig.4 Forward Current vs. Forward Voltage
Fig.3 Peak Forward Current vs. Duty Ratio
Fig.2 Power Dissipation vs. Ambient
Temperature
Fig.1 Forward Current vs. Ambient
Temperature
0
10
20
30
40
50
−25
0
25
75
100
85
50
Ambient temperature Ta (°C)
0
20
15
75
40
60
80
100
−25
0
25
50
75 85
100
Ambient temperature Ta (°C)
Total power dissipation
Collector power
dissipation
Pulse width
<=100µs
Ta=25°C
50
100
200
2000
500
1000
20
2
10
−3
5
2
10
−2
5
2
10
−1
5
1
0
Duty ratio
1
500
2
5
10
20
50
100
200
0
0.5
1
1.5
2
2.5
3
3.5
Forward voltage VF (V)
Ta=75°C
50
°C
−25°C
25
°C
0
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com