Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S29 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2S29
Description  Long Focal Distance, Reflective Type Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S29 Datasheet(HTML) 4 Page - Sharp Corporation

  GP2S29 Datasheet HTML 1Page - Sharp Corporation GP2S29 Datasheet HTML 2Page - Sharp Corporation GP2S29 Datasheet HTML 3Page - Sharp Corporation GP2S29 Datasheet HTML 4Page - Sharp Corporation GP2S29 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GP2S29
Fig.11 Test Circuit For Response Time
Fig.14 Voltage Gain vs Frequency
Fig.13 Measuring Configulation of Collector
Current
Fig.15 Measuring Configulation of Leak
Current
Fig.12 Relative Collector Current vs. Distance
Between Sensor and Rectangle Prism
100
Ω
−20
−15
−10
−5
0
2
5
10
3
2
5
10
4
2
5
10
5
2
5
10
6
Frequency Response f (Hz)
RL=10kΩ
1k
Ω
VCE=2V
IC=0.5mA
Ta=25°C
0
100
200
300
400
500
600
700
0
4
8
2
6
10
14
18
12
16
20
Distance between sensor and Rectangle Prism (mm)
Rectangle prism
Sensor
IC=100% at d=8mm
Prism
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr
Rectangular prism
(Material : BK7)
Thickness : 6mm
Reflection
protection film
GP2S29
Aluminum evaporation face
Glass
GP2S29
10mm
×10mm
Fig.10 Response Time vs. Load Resistance
0.1
0.5
1
5
10
50
100
500
1000
0.1
1
1000
10
100
Load resistance RL (kΩ)
VCE=2V
IC=0.5mA
Ta=25°C
tf
tr
td
ts



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com