Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S29 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2S29
Description  Long Focal Distance, Reflective Type Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S29 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2S29 Datasheet HTML 1Page - Sharp Corporation GP2S29 Datasheet HTML 2Page - Sharp Corporation GP2S29 Datasheet HTML 3Page - Sharp Corporation GP2S29 Datasheet HTML 4Page - Sharp Corporation GP2S29 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GP2S29
Fig.9 Collector - emitter Saturation Voltage
vs. Ambient Temperature
Fig.8 Collector Dark Current vs. Ambient
Temperature
Fig.6 Collector Current vs. Collector-emitter
Voltage
Fig.5 Collector Current vs. Forward Current
Fig.7 Relative Collector Current vs.
Ambient Temperature
0
0.6
1.2
1.8
2.4
3.0
0
10
20
30
40
50
Forward current IF (mA)
−25
VCE=5V
IF=20mA
50
60
70
80
90
100
110
85
0
25
50
Ambient temperature Ta (°C)
0
0.6
1.2
1.8
2.4
3.0
0
2
4
6
8
10
Collector-emitter voltage VCE (V)
IF=50mA
40mA
30mA
20mA
10mA
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
−25
0
25
50
85
Ambient temperaturet Ta (°C)
IF=40mA
IC=100µA
10
−10
10
−9
2
5
10
−8
2
5
10
−7
2
5
10
−6
2
5
−25
0
25
50
75
100
Ambient temperature Ta (°C)
VCE=20V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com