Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF544 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF544
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF544 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF544 Datasheet HTML 7Page - NXP Semiconductors BLF544 Datasheet HTML 8Page - NXP Semiconductors BLF544 Datasheet HTML 9Page - NXP Semiconductors BLF544 Datasheet HTML 10Page - NXP Semiconductors BLF544 Datasheet HTML 11Page - NXP Semiconductors BLF544 Datasheet HTML 12Page - NXP Semiconductors BLF544 Datasheet HTML 13Page - NXP Semiconductors BLF544 Datasheet HTML 14Page - NXP Semiconductors BLF544 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1998 Jan 21
11
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF544
List of components (see Figs 12 and 13)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. American Technical Ceramics (ATC) capacitor, type 100A or other capacitor of the same quality.
3. The striplines are on a double copper-clad printed-circuit board with glass microfibre reinforced PTFE (
εr = 2.2);
thickness 1
⁄32 inch.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1
multilayer ceramic chip capacitor;
note 1
68 pF; 500 V
C2
multilayer ceramic chip capacitor;
note 2
1.6 pF; 50 V
C3, C5, C16, C18 film dielectric trimmer
1.4 to 5.5 pF
2222 809 09001
C4
multilayer ceramic chip capacitor;
note 2
1 pF; 50 V
C6
multilayer ceramic chip capacitor
10 nF; 50 V
2222 852 47103
C7, C11
multilayer ceramic chip capacitor;
note 1
56
µF; 500 V
C8, C9, C15, C17 multilayer ceramic chip capacitor
note 2
6.8
µF; 50 V
C10
multilayer ceramic chip capacitor
100 nF; 50 V
2222 852 47104
C12
electrolytic capacitor
4.7
µF; 63 V
2222 030 38478
C13
multilayer ceramic chip capacitor;
note 2
16 pF; 50 V
C14
multilayer ceramic chip capacitor;
note 2
18 pF; 50 V
C19
multilayer ceramic chip capacitor;
note 1
62 pF; 500 V
L1, L8
stripline; note 3
50
Ω
6
× 2.5 mm
L2
stripline; note 3
50
Ω
38
× 2.5 mm
L3
stripline; note 3
50
Ω
17.5
× 2.5 mm
L4, L5
stripline; note 3
42
Ω
3
× 3mm
L6
2 turns enamelled 1 mm copper
wire
16 nH
length 3.4 mm
int. dia. 3 mm
leads 2
× 5mm
L7
grade 3B Ferroxcube RF choke
4312 020 36642
L9
stripline; note 3
50
Ω
21
× 2.5 mm
L10
stripline; note 3
50
Ω
34.5
× 2.5 mm
R1
0.4 W metal film resistor
15 k
Ω
2322 151 11473
R2
10 turns potentiometer
50 k
Ω
R3
0.4 W metal film resistor
140 k
Ω
2322 151 11404
R4
0.4 W metal film resistor
10
Ω
2322 153 51009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com