Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF544 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF544
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF544 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF544 Datasheet HTML 1Page - NXP Semiconductors BLF544 Datasheet HTML 2Page - NXP Semiconductors BLF544 Datasheet HTML 3Page - NXP Semiconductors BLF544 Datasheet HTML 4Page - NXP Semiconductors BLF544 Datasheet HTML 5Page - NXP Semiconductors BLF544 Datasheet HTML 6Page - NXP Semiconductors BLF544 Datasheet HTML 7Page - NXP Semiconductors BLF544 Datasheet HTML 8Page - NXP Semiconductors BLF544 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Jan 21
2
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF544
FEATURES
• High power gain
• Easy power control
• Good thermal stability
• Gold metallization ensures excellent reliability
• Designed for broadband operation.
APPLICATIONS
• Communication transmitters in the UHF frequency
range.
DESCRIPTION
N-channel enhancement mode vertical D-MOS power
transistor encapsulated in a 6-lead, SOT171A flange
package with a ceramic cap. All leads are isolated from the
flange.
A marking code showing gate-source voltage (VGS)
information is provided for matched pair applications.
PINNING - SOT171A
PIN
SYMBOL
DESCRIPTION
1
s
source
2
s
source
3
g
gate
4
d
drain
5
s
source
6
s
source
Fig.1 Simplified outline and symbol.
handbook, halfpage
s
d
g
MAM390
1
2
3
4
5
6
Top view
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common source class-B circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
ηD
(%)
CW, class-B
500
28
20
>11
>50
CW, class-B
960
28
20
typ. 7
typ. 50
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com