Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF544 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLF544
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF544 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLF544 Datasheet HTML 8Page - NXP Semiconductors BLF544 Datasheet HTML 9Page - NXP Semiconductors BLF544 Datasheet HTML 10Page - NXP Semiconductors BLF544 Datasheet HTML 11Page - NXP Semiconductors BLF544 Datasheet HTML 12Page - NXP Semiconductors BLF544 Datasheet HTML 13Page - NXP Semiconductors BLF544 Datasheet HTML 14Page - NXP Semiconductors BLF544 Datasheet HTML 15Page - NXP Semiconductors BLF544 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1998 Jan 21
13
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF544
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT171A
97-06-28
0
5
10 mm
scale
Flanged ceramic package; 2 mounting holes; 6 leads
SOT171A
1
2
3
4
5
6
U2
E
E1
H
Q
D
D1
A
F
c
A
b
M
w3
H1
M
b1
C
w2
e
U1
q
p
C
w1
AB
M
B
UNIT
A
mm
D
b
2.15
1.85
b1
3.20
2.89
0.16
0.07
9.25
9.04
D1
9.30
8.99
E
5.95
5.74
3.58
11.31
10.54
6.00
5.70
6.81
6.07
c
E1
U2
0.26
0.51
1.02
w3
18.42
qw2
w1
F
3.05
2.54
U1
24.90
24.63
H1
9.27
9.01
p
3.43
3.17
Q
4.32
4.11
e
6.00
5.70
inches
0.085
0.073
0.126
0.114
0.006
0.003
0.364
0.356
0.366
0.354
0.234
0.226
0.140
0.445
0.415
0.236
0.224
0.268
0.239
0.01
0.02
0.04
0.725
0.120
0.100
0.980
0.970
0.365
0.355
0.135
0.125
0.170
0.162
0.236
0.224
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com