Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2-71083-LR Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # D2-71083-LR
Description  Intelligent Digital Amplifier and Sound Processor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

D2-71083-LR Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button D2-71083-LR Datasheet HTML 9Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 10Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 11Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 12Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 13Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 14Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 15Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 16Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
D2-6 Family Audio SOC
FN7838 Rev.4.00
Page 13 of 33
Mar. 19, 2019
63
PROTECT6
I/O
3.3
4
PWM protection input with hysteresis. (One of 9 protection inputs. Specific function and channel
assignment is defined by firmware.)
64
PROTECT7
I/O
3.3
4
PWM protection input with hysteresis. (One of 9 protection inputs. Specific function and channel
assignment is defined by firmware.)
65
PROTECT2
I/O
3.3
4
PWM protection input with hysteresis. (One of 9 protection inputs. Specific function and channel
assignment is defined by firmware.)
66
GPIO1
I/O
3.3
16
General purpose I/O Bidirectional GPIO port. (One of 8 GPIO. Resets to input port. Operation and
assignment is defined by product application's firmware.)
67
RVDD
P
3.3
-
Digital pad ring power, 3.3V. This 3.3V supply is used for all the digital I/O pad drivers and
receivers, except for the analog pads. Internally connected to PWMVDD.
68
RGND
P
3.3
-
Digital pad ring ground. Internally connected to PWMGND.
71
PWMGND
P
3.3
-
PWM output pin ground. Internally connected to RGND.
72
PWM17
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
73
PWM16
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
74
PWM15
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
75
PWM14
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
76
PWMVDD
P
3.3
-
PWM output pin power. This 3.3V supply is used for the PWM pad drivers. Internally connected to
RVDD.
77
PWMGND
P
3.3
-
PWM output pin ground. Internally connected to RGND.
78
PWM13
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
79
PWM12
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
80
PWM11
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
81
PWM10
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
82
PWM9
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
83
PWM8
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
84
PWMVDD
P
3.3
-
PWM output pin power. This 3.3V supply is used for the PWM pad drivers. Internally connected to
RVDD.
85
PWMGND
P
3.3
-
PWM output pin ground. Internally connected to RGND.
86
PWM7
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
87
PWM6
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
88
PWM5
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
89
PWM4
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined by
firmware.)
Pin Descriptions (Continued)
PIN
PIN
NAME
(Note 16)TYPE
VOLTAGE
LEVEL
(V)
DRIVE
STRENGTH
(mA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com