Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2-71083-LR Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # D2-71083-LR
Description  Intelligent Digital Amplifier and Sound Processor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

D2-71083-LR Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button D2-71083-LR Datasheet HTML 17Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 18Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 19Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 20Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 21Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 22Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 23Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 24Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
D2-6 Family Audio SOC
FN7838 Rev.4.00
Page 21 of 33
Mar. 19, 2019
Audio Output
PWM AUDIO AMPLIFIER OUTPUT
The D2-6 family supports multiple PWM output topologies, which
enables system designs to use an output stage, which meets the
cost and performance requirements of the particular application.
Twelve PWM channels are mapped to 18 PWM output pins by the
programmed firmware. The PWM output pins are 3.3V CMOS
levels with either 8mA or 16mA drive capability.
Output topologies supported include:
• Half-bridge, N+N or N+P
• Full-bridge, N+N or N+P using 2-level modulation, 2 or
4-quadrant control
LINE LEVEL OUTPUT
In addition to amplified outputs, the D2-6 family IC also supports
line-level outputs that generate a nominal 1VRMS output using a
simple passive filter.
Headphone outputs or line-level outputs that require a 2VRMS (or
higher output level) are also supported, using an active filter to
accomplish the signal level needs.
S/PDIF TRANSMITTER
The D2-6 family contains one IEC60958 compatible S/PDIF
Digital transmitter. The transmitter complies with the consumer
applications defined in IEC60958-3. The transmitter supports
24-bit audio data, 24-bit user data, and 30-bit channel status
data.
A bit-exact pass-through mode from the selected SPDIFRX[1:0]
input is also supported. This simplifies system designs that
require that the IEC61937-compliant original compressed audio
bitstream be made available at the back panel of the product, as
well as giving the user the capability to select a decoded (and
downmixed, if necessary) IEC60958-compliant stereo or mono
linear PCM output for digital audio recording/playback
capabilities.
The D2-6 family optional firmware offers digital audio format
conversion support for I2S digital format input to S/PDIF digital
format output, as well as S/PDIF digital format input to I2S
digital format output, for all digital audio Linear PCM
(non-compressed) audio sources. This functionality is not
available for compressed audio inputs, unless the compressed
audio data is first decoded by the internal DSP, and if necessary,
downmixed to two channels.
This format conversion path offers the ability to reduce the clock
jitter on the output due to the fact that both inputs (when in this
mode) pass through the professional-grade Sample-Rate Converters
(SRC). This approach also enables consumer products to output a
downsampled digital audio output for audio that may not otherwise
be made available to the consumer in the original higher-bandwidth
format due to certain consumer electronic/content protection
licensing restrictions.
SERIAL AUDIO OUTPUT
The D2-6 family IC-based systems support outputting a bit-exact
pass-through of a compressed audio bitstream, or a decoded,
down-mixed (Lt/Rt or Lo/Ro) and downsampled 2-channel Linear
PCM audio bitstream using a specified SAI port, or S/PDIF digital
transmitter. In addition, depending on the firmware functionality,
it is possible for unused SAI (Serial Audio Interfaces) to also
support I2S output as well, in either slave or master mode. The
output audio sample rate is determined by the firmware and can
vary from 32kHz up to 192kHz.
HD Audio
HDA INTERFACE
The HD audio interface also provides a control interface. This
control interface uses the HD audio GPI, GPO, and GPIO 8-bit
ports to provide a message passing facility between the D2-6
family and the PC.
The D2-6 family fully supports Windows® Hardware Quality Labs
(WHQL™)-certification as, it is a UAA-Compliant Secondary HD
Audio CODEC. The devices may be used either as the primary
HDA CODEC, or as the second HDA CODEC in the system.
Features supported are:
• Message passing to other devices located on the motherboard
(for example, HP jack detection and reporting)
• Amplifier firmware download
• Amplifier code load during system boot
• Amplifier control protocol (D2 Audio DSP customization GUI
support)
HD AUDIO PLAY
The D2-6 family provides for direct connection of a PC’s HD Audio
(HDA) Controller to the device. In this configuration, the
D2-6 family functions as an HDA CODEC with powered
(amplified) outputs.
Supported features include:
• 2, 4, 6, or 8 amplified or PWM DAC channels
• Audio sample rates 48kHz, 96kHz, and 192kHz
• Data widths of 16-bit, 20-bit, and 24-bit
• Independent channel gain control
The HDA interface uses five of the six pins of the SAI 3 port. The
HDA interface captures the audio streams and converts them
into one to four I2S data streams, depending on the number of
channels used. These I2S stereo streams are routed through
SAI 3 and SAI 4 and then on to the sample rate converter. The
SRC will rate lock to the HDA stream and remove any jitter while
converting the data to the output sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com