Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI030 Datasheet(PDF) 16 Page - Pico Technology Ltd.

Part # MI030
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

MI030 Datasheet(HTML) 16 Page - Pico Technology Ltd.

Back Button MI030 Datasheet HTML 12Page - Pico Technology Ltd. MI030 Datasheet HTML 13Page - Pico Technology Ltd. MI030 Datasheet HTML 14Page - Pico Technology Ltd. MI030 Datasheet HTML 15Page - Pico Technology Ltd. MI030 Datasheet HTML 16Page - Pico Technology Ltd. MI030 Datasheet HTML 17Page - Pico Technology Ltd. MI030 Datasheet HTML 18Page - Pico Technology Ltd. MI030 Datasheet HTML 19Page - Pico Technology Ltd. MI030 Datasheet HTML 20Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
PicoVNA feature
PicoVNA 5 current release
PicoVNA 3
In viewport (channel) controls and readouts
On plot parameter edit
Span (time or frequency), plot parameter/type/format,
sensitivity, offset, ref position
Sensitivity, offset, ref position
Hover on plot cursor readout
Yes, all traces
No
Click to drop and drag marker
Yes, all traces
No (menu apply + drag)
Markers count
Unlimited independent or grouped to reference. Note:
readout display area scrolls
1 - 8 repeat across all plots and frequency locked together
Reference markers
Unlimited
1
Auto markers
Not in current release. bandwidth, Q, peak search auto
markers to follow.
Search ±3dB and ±6dB
Multiple and delta readouts
Yes user configurable per marker or group
Yes, plot format dependent
Auto scaling of plot axis
Not in current release
Yes within Display menu
Magnify, zoom and processing features
Zoom multiple span segments
Yes, define frequency or time segments for a new display
port. Multiple segments per plot supported. Supports
cursor readout and fine marker drop and drag
No
Magnify region of any plot
Yes, choose to magnify any region of any plot. Includes
any focal point on Smith chart for example. Supports
cursor readout and fine marker drop and drag
No
Trace averaging, smoothing and peak hold
Yes, averaging (unlimited), smoothing 0-10%. Peak/trough
hold to come.
Yes, averaging 1-255, smoothing 0-10% and peak/trough
hold
Trace vector maths
Not in current release
Yes, vector math, live + memo, live - memo, live/memo
Interpolated re-sampling and re-format Touchstone
Yes, reformat Touchstone as MA, DB, RI. Re-sample and
more to come.
No
User workspaces
Multiple independent workspaces
Yes, unlimited.
Independent settings, spans, displays, calibrations, de-
embeds, preferences
No
Calibration features
Supported calibration methods
Fixed SOLT, TRL/TRM (single or dual Line) and E-Cal
Supported calibrations
S11, insertable and non-insertable, unknown Thru with/
without enhanced isolation
S11, S21, S11+S21, insertable and non-insertable, known/
unknown Thru with/without enhanced isolation
Graphical calibration assist wizard
Yes, with measurement plotting
No (text user prompts)
PicoVNA 5/PicoVNA 3 feature comparison (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com