Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI030 Datasheet(PDF) 5 Page - Pico Technology Ltd.

Part # MI030
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

MI030 Datasheet(HTML) 5 Page - Pico Technology Ltd.

  MI030 Datasheet HTML 1Page - Pico Technology Ltd. MI030 Datasheet HTML 2Page - Pico Technology Ltd. MI030 Datasheet HTML 3Page - Pico Technology Ltd. MI030 Datasheet HTML 4Page - Pico Technology Ltd. MI030 Datasheet HTML 5Page - Pico Technology Ltd. MI030 Datasheet HTML 6Page - Pico Technology Ltd. MI030 Datasheet HTML 7Page - Pico Technology Ltd. MI030 Datasheet HTML 8Page - Pico Technology Ltd. MI030 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
S11 plotted on dual-axis.
LogMag with offset and
sensitivity controls.
VSWR with offset
and sensitivity
controls.
Axis Reference:
Triangular
indicators are
draggable.
Sweep/span
or timebase
controls
Show/hide/bring to front
traces on each axis
Show/hide marker readouts
Data controls:
Export Data
Import Data
Reset to factory
defaults
Save Session
Load Session
User Preferences
Marker readouts:
Grouped and
individually
configured for
main, auxiliary and
delta readouts
Format view:
Add axis
Zoom region
Magnify
Maximize graph
Expansions: Hardware, software,
firmware and user feedback options.
Calibration: Mode selection:
SOLT, TRL/TRM & E-Cal.
Start/Stop and Save to Memory controls.
Workspace tabs:
Independent set-
ups, views, spans
and calibrations.
Status grid with pop-up controls.
Main menus: Use
these buttons
to display main
menus.
PicoVNA 5: Game-changing new software for PicoVNA - Intuitive, and direct menu-lite interface
Plotted parameters, sensitivities, offsets, reference positions and sweep or time-domain parameters and plot type (e.g. cartesian, Smith or polar; logarithmic, linear, delay or angle)
are all directly editable within each displayed plot channel. There are helpful on-trace cursor readouts under mouse, hover, or touch and you can simply click to drop on a trace
marker and then drag it to the feature or position that you need. Most of your frequent instrument operations fully covered without a need to find an off-plot menu!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com