Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI030 Datasheet(PDF) 20 Page - Pico Technology Ltd.

Part # MI030
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

MI030 Datasheet(HTML) 20 Page - Pico Technology Ltd.

Back Button MI030 Datasheet HTML 16Page - Pico Technology Ltd. MI030 Datasheet HTML 17Page - Pico Technology Ltd. MI030 Datasheet HTML 18Page - Pico Technology Ltd. MI030 Datasheet HTML 19Page - Pico Technology Ltd. MI030 Datasheet HTML 20Page - Pico Technology Ltd. MI030 Datasheet HTML 21Page - Pico Technology Ltd. MI030 Datasheet HTML 22Page - Pico Technology Ltd. MI030 Datasheet HTML 23Page - Pico Technology Ltd. MI030 Datasheet HTML 24Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Phase- and amplitude-stable test leads and test port adaptors
Two test cable types and grades are recommended and provided by Pico Technology. Both of high quality, with robust and flexible construction and stainless steel connectors, the
main differences between them are the provision of PC3.5 or SMA test ports and the stability of their propagation velocity and loss characteristic when flexed; that is, the degree to
which a measurement could change when the cables are moved or formed to a new position. Cables are specified in terms of flatness and phase variation at up to 8.5 GHz when a
straight cable is formed as one 360° turn around a 10 cm mandrel.
Order code
Grade
Dielectric Diameter Impedance
Loss
Phase stability Amplitude stability
Length
Connectors
TA336
Standard
Low-
density
PTFE
7.1 mm
(0.28”)
over
jacket
50 Ω
0.7 dB at 6 GHz
0.85 dB at 8.5 GHz
2° at 6 GHz
2.8° at 8.5 GHz
0.1 dB at 6 GHz
600 mm
N(m)-SMA(m)
TA337
N(m)-SMA(f)
TA338
Premium
7.5 mm
(0.30”)
over
jacket
0.6 dB at 6 GHz
0.7 dB at 8.5 GHz
0.8° at 6 GHz
1.1° at 8.5 GHz
0.05 dB at 6 GHz
N(m)-PC3.5(m)
TA339
N(m)-PC3.5(f)
Order code
Grade
Name
Impedance
Bandwidth
Connectors*
TA342
Standard
ADA-STD-MM
50 Ω
18 GHz
SMA(m-m)
TA343
ADA-STD-FF
SMA(f-f)
TA357
ADA-STD-FM
SMA(f-m)
TA340
Premium
ADA-PREM-MM
27 GHz
PC3.5(m-m)
TA341
ADA-PREM-FF
PC3.5(f-f)
TA354
ADA-PREM-FM
PC3.5(f-m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com