Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3996 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3996
Description  Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3996 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3996 Datasheet HTML 1Page - National Semiconductor (TI) LP3996 Datasheet HTML 2Page - National Semiconductor (TI) LP3996 Datasheet HTML 3Page - National Semiconductor (TI) LP3996 Datasheet HTML 4Page - National Semiconductor (TI) LP3996 Datasheet HTML 5Page - National Semiconductor (TI) LP3996 Datasheet HTML 6Page - National Semiconductor (TI) LP3996 Datasheet HTML 7Page - National Semiconductor (TI) LP3996 Datasheet HTML 8Page - National Semiconductor (TI) LP3996 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Ordering Information (LLP-10)
For other voltage options, please contact your local NSC sales office
Output
Voltage (V)
Order Number
Spec
Package
Marking
Supplied As
0.8 / 3.3
LP3996SD-0833
NOPB
L167B
1000 Units, Tape-and-Reel
LP3996SDX-0833
NOPB
4500 Units, Tape-and-Reel
LP3996SD-0833
1000 Units, Tape-and-Reel
LP3996SDX-0833
4500 Units, Tape-and-Reel
1.5 / 2.5
LP3996SD-1525
NOPB
L168B
1000 Units, Tape-and-Reel
LP3996SDX-1525
NOPB
4500 Units, Tape-and-Reel
LP3996SD-1525
1000 Units, Tape-and-Reel
LP3996SDX-1525
4500 Units, Tape-and-Reel
2.8 / 2.8
LP3996SD-2828
NOPB
L171B
1000 Units, Tape-and-Reel
LP3996SDX-2828
NOPB
4500 Units, Tape-and-Reel
LP3996SD-2828
1000 Units, Tape-and-Reel
LP3996SDX-2828
4500 Units, Tape-and-Reel
3.0 / 3.0
LP3996SD-3030
NOPB
L172B
1000 Units, Tape-and-Reel
LP3996SDX-3030
NOPB
4500 Units, Tape-and-Reel
LP3996SD-3030
1000 Units, Tape-and-Reel
LP3996SDX-3030
4500 Units, Tape-and-Reel
3.0 / 3.3
LP3996SD-3033
NOPB
L170B
1000 Units, Tape-and-Reel
LP3996SDX-3033
NOPB
4500 Units, Tape-and-Reel
LP3996SD-3033
1000 Units, Tape-and-Reel
LP3996SDX-3033
4500 Units, Tape-and-Reel
3.3 / 0.8
LP3996SD-3308
NOPB
L188B
1000 Units, Tape-and-Reel
LP3996SDX-3308
NOPB
4500 Units, Tape-and-Reel
LP3996SD-3308
1000 Units, Tape-and-Reel
LP3996SDX-3308
4500 Units, Tape-and-Reel
3.3 / 3.3
LP3996SD-3333
NOPB
L173B
1000 Units, Tape-and-Reel
LP3996SDX-3333
NOPB
4500 Units, Tape-and-Reel
LP3996SD-3333
1000 Units, Tape-and-Reel
LP3996SDX-3333
4500 Units, Tape-and-Reel
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com