Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3996 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3996
Description  Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3996 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3996 Datasheet HTML 1Page - National Semiconductor (TI) LP3996 Datasheet HTML 2Page - National Semiconductor (TI) LP3996 Datasheet HTML 3Page - National Semiconductor (TI) LP3996 Datasheet HTML 4Page - National Semiconductor (TI) LP3996 Datasheet HTML 5Page - National Semiconductor (TI) LP3996 Datasheet HTML 6Page - National Semiconductor (TI) LP3996 Datasheet HTML 7Page - National Semiconductor (TI) LP3996 Datasheet HTML 8Page - National Semiconductor (TI) LP3996 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LP3996
Dual Linear Regulator with 300mA and 150mA Outputs
and Power-On-Reset
General Description
The LP3996 is a dual low dropout regulator with power-on-
reset circuit. The first regulator can source 150mA, while the
second is capable of sourcing 300mA and has a power-on-
reset function included.
The LP3996 provides 1.5% accuracy requiring an ultra low
quiescent current of 35µA. Separate enable pins allow each
output of the LP3996 to be shut down, drawing virtually zero
current.
The LP3996 is designed to be stable with small footprint
ceramic capacitors down to 1µF. An external capacitor may
be used to set the POR delay time as required.
The LP3996 is available in fixed output voltages and comes
in a 10 pin, 3mm x 3mm, LLP package. .
Features
n
2 LDO Outputs with Independent Enable
n
1.5% Accuracy at Room Temperature, 3% over
Temperature
n
Power-On-Reset Function with Adjustable Delay
n
Thermal Shutdown Protection
n
Stable with Ceramic Capacitors
Key Specifications
n
Input Voltage Range
2.0V to 6.0V
n
Low Dropout Voltage
210mV at 300mA
n
Ultra-Low I
Q (enabled)
35µA
n
Virtually Zero I
Q (disabled)
<10nA
Package
All available in Lead Free option.
10 pin LLP 3mm x 3mm
For other package options contact your NSC sales office.
Applications
n
Cellular Handsets
n
PDA’s
n
Wireless Network Adaptors
Typical Application Circuit
20145801
November 2006
© 2006 National Semiconductor Corporation
DS201458
www.national.com


Similar Part No. - LP3996

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3996 TI1-LP3996 Datasheet
1Mb / 26P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI2-LP3996 Datasheet
1Mb / 21P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
REVISED OCTOBER 2013
LP3996 TI2-LP3996 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
OCTOBER 2013
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results

Similar Description - LP3996

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
5V, 300mA Linear Regulator with and ENABLE RESET
Rev. 2/3/98
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
National Semiconductor ...
LP5996 NSC-LP5996 Datasheet
870Kb / 14P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
Dual Linear Regulator with 300mA and 150mA Outputs
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP5996 TI-LP5996_15 Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com