Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3996 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3996
Description  Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3996 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP3996 Datasheet HTML 2Page - National Semiconductor (TI) LP3996 Datasheet HTML 3Page - National Semiconductor (TI) LP3996 Datasheet HTML 4Page - National Semiconductor (TI) LP3996 Datasheet HTML 5Page - National Semiconductor (TI) LP3996 Datasheet HTML 6Page - National Semiconductor (TI) LP3996 Datasheet HTML 7Page - National Semiconductor (TI) LP3996 Datasheet HTML 8Page - National Semiconductor (TI) LP3996 Datasheet HTML 9Page - National Semiconductor (TI) LP3996 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical Characteristics(Notes 2, 8) (Continued)
Unless otherwise noted, V
EN = 950mV, VIN =VOUT + 1.0V, or 2.0V, whichever is higher, where VOUT is the higher of VOUT1
and V
OUT2.CIN = 1 µF, IOUT = 1 mA, COUT1 =COUT2 = 1.0µF. Typical values and limits appearing in normal type apply for TA
= 25˚C. Limits appearing in boldface type apply over the full junction temperature range for operation, −40 to +125˚C.
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
PSRR
Power Supply Rejection Ratio
(Note 11)
f = 1kHz, I
OUT
= 1mA to
150mA
C
BYP = 10nF
LDO1
58
dB
LDO2
70
f = 20kHz, I
OUT
= 1mA to
150mA
C
BYP = 10nF
LDO1
45
LDO2
60
e
n
Output noise Voltage (Note 11)
BW = 10Hz to
100kHz
C
BYP = 10nF
V
OUT = 0.8V
36
µV
RMS
V
OUT = 3.3V
75
T
SHUTDOWN
Thermal Shutdown
Temperature
160
˚C
Hysteresis
20
Enable Control Characteristics
I
EN
Input Current at V
EN1 or VEN2
V
EN = 0.0V
0.005
0.1
µA
V
EN =6V
2
5
V
IL
Low Input Threshold at V
EN1 or
V
EN2
0.4
V
V
IH
High Input Threshold at V
EN1 or
V
EN2
0.95
V
POR Output Characteristics
V
TH
Low Threshold % 0f V
OUT2 (NOM)
Flag ON
88
%
High Threshold % 0f V
OUT2
(NOM)
Flag OFF
96
I
POR
Leakage Current
Flag OFF, V
POR = 6.5V
30
nA
V
OL
Flag Output Low Voltage
I
SINK = 250µA
20
mV
Timing Characteristics
T
ON
Turn On Time (Note 11)
To 95% Level
C
BYP = 10nF
300
µs
Transient
Response
Line Transient Response |
δV
OUT|
(Note 11)
T
rise =Tfall = 10µs
δV
IN = 1VCBYP = 10nF
20
mV
(pk - pk)
Load Transient Response
|
δV
OUT|
(Note 11)
T
rise =Tfall =
1µs
LDO 1
I
OUT = 1mA to
150mA
175
LDO 2
I
OUT = 1mA to
300mA
150
SET Input Characteristics
I
SET
SET Pin Current Source
V
SET = 0V
1.3
µA
V
TH(SET)
SET Pin Threshold Voltage
POR = High
1.25
V
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com