Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLU99/SL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLU99/SL
Description  UHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU99/SL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLU99/SL Datasheet HTML 5Page - NXP Semiconductors BLU99/SL Datasheet HTML 6Page - NXP Semiconductors BLU99/SL Datasheet HTML 7Page - NXP Semiconductors BLU99/SL Datasheet HTML 8Page - NXP Semiconductors BLU99/SL Datasheet HTML 9Page - NXP Semiconductors BLU99/SL Datasheet HTML 10Page - NXP Semiconductors BLU99/SL Datasheet HTML 11Page - NXP Semiconductors BLU99/SL Datasheet HTML 12Page - NXP Semiconductors BLU99/SL Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
March 1993
9
Philips Semiconductors
Product specification
UHF power transistor
BLU99
BLU99/SL
Fig.12 Input impedance (series components).
VCE = 12,5 V; PL = 5 W; Th =25 °C;
f = 400-520 MHz; typical values.
handbook, halfpage
400
4
2
0
−2
440
xi
ri
f (MHz)
Zi
(
Ω)
480
560
520
MDA379
Fig.13 Load impedance (series components).
VCE = 12,5 V; PL = 5 W; Th =25 °C;
f = 400-520 MHz; typical values.
handbook, halfpage
400
440
480
ZL
(
Ω)
f (MHz)
560
10
0
8
520
6
4
2
MDA380
XL
RL
Fig.14 Power gain.
VCE = 12,5 V; PL = 5 W; Th =25 °C;
f = 400-520 MHz; typical values.
handbook, halfpage
400
440
480
Gp
(dB)
f (MHz)
560
15
10
14
520
13
12
11
MDA381



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com