Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLU99/SL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLU99/SL
Description  UHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU99/SL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLU99/SL Datasheet HTML 7Page - NXP Semiconductors BLU99/SL Datasheet HTML 8Page - NXP Semiconductors BLU99/SL Datasheet HTML 9Page - NXP Semiconductors BLU99/SL Datasheet HTML 10Page - NXP Semiconductors BLU99/SL Datasheet HTML 11Page - NXP Semiconductors BLU99/SL Datasheet HTML 12Page - NXP Semiconductors BLU99/SL Datasheet HTML 13Page - NXP Semiconductors BLU99/SL Datasheet HTML 14Page - NXP Semiconductors BLU99/SL Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
March 1993
11
Philips Semiconductors
Product specification
UHF power transistor
BLU99
BLU99/SL
List of components:
Note
1. American Technical Ceramics capacitor type 100 A or capacitor of same quality.
C1
= C12 = 33 pF multilayer ceramic chip capacitor(1)
C2
= C13 = 1,4-5,5 pF film dielectric trimmer (cat. no. 2222 809 09001)
C3
= C11 = 1,2-3,5 pF film dielectric trimmer (cat. no. 2222 809 05001)
C4
= C5 = C10 = 6,2 pF multilayer ceramic chip capacitor(1)
C6
= 1 pF multilayer ceramic chip capacitor(1)
C7
= 10 pF ceramic feed-through capacitor
C8
= 330 pF ceramic feed-through capacitor
C9
= 2,2
µF tantalum electrolytic capacitor
L1
= stripline, 21,0 mm
× 1,85 mm
L2
= stripline, 5,0 mm
× 1,85 mm
L3
= 60 nH, 4 turns enamelled Cu-wire (0,4 mm), close wound, int. dia. 3 mm
L4
= L9 = Ferroxcube wideband h.f. choke, grade 3B (cat. no 4312 020 36642)
L5
= stripline, 11,3 mm
× 6,0 mm
L6
= stripline, 10,0 mm
× 6,0 mm
L7
= stripline, 15,9 mm
× 1,85 mm
L8
= 280 nH, 15 turns enamelled Cu-wire (0,4 mm), close wound, int. dia. 3 mm
L10 = stripline, 28,0 mm
× 1,85 mm
R1
= R2 = 10
Ω metal film resistor, 0,25 W
L1, L2, L5, L6, L7 and L10 are striplines on a double Cu-clad printed circuit board with P.T.F.E. fibre-glass dielectric
(
ε
r = 2,74) and thickness of
1
⁄32 inch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com