Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLU99/SL Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLU99/SL
Description  UHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU99/SL Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLU99/SL Datasheet HTML 9Page - NXP Semiconductors BLU99/SL Datasheet HTML 10Page - NXP Semiconductors BLU99/SL Datasheet HTML 11Page - NXP Semiconductors BLU99/SL Datasheet HTML 12Page - NXP Semiconductors BLU99/SL Datasheet HTML 13Page - NXP Semiconductors BLU99/SL Datasheet HTML 14Page - NXP Semiconductors BLU99/SL Datasheet HTML 15Page - NXP Semiconductors BLU99/SL Datasheet HTML 16Page - NXP Semiconductors BLU99/SL Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
March 1993
13
Philips Semiconductors
Product specification
UHF power transistor
BLU99
BLU99/SL
Fig.17 Output power.
f = 900 MHz; VCE = 12,5 V; class-B operation;
Th =25 °C; typ. values.
handbook, halfpage
0
0.4
0.8
PL
(W)
PS (W)
1.6
5
0
4
1.2
3
2
1
MDA384
Fig.18 Power gain and efficiency.
f = 900 MHz; VCE = 12,5 V; class-B operation;
Th =25 °C; typ. values.
handbook, halfpage
05
10
0
2
4
6
8
12
0
20
40
60
80
100
3
Gp
(dB)
4
MDA385
PL (W)
Gp
ηC
ηC
(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com