Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0101 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # LSF0101
Description  1-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0101 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  LSF0101 Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Nexperia
LSF0101
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
10. Recommended operating conditions
Table 6. Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VI
input voltage
pins refA, refB, A1, B1 and EN
0.0
5.0
V
II/O
input/ouput current
pins refA, refB, A1 and B1; continuous channel current
-
+64
mA
Tamb
ambient temperature
-40
+125 °C
11. Static characteristics
Table 7. Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Tamb = -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VIK
input clamping voltage VEN = 0 V; II = -18 mA
-1.2
-
-
V
II
leakage current
pins A1, B1, refA, refB and EN; VI = GND to 5.0 V
-
1
5
μA
CI
input capacitance
pins refA, refB and EN; VI = 0 V or 3 V
-
6
-
pF
Cio(off)
OFF-state input/output
capacitance
pins A1, B1; VO = 0 V or 3 V; VEN = 0.0 V
-
3.7
6.0
pF
Cio(on)
ON-state input/output
capacitance
pins A1, B1; VO = 0 V or 3 V; VEN = 3.0 V
-
6.0
12.5
pF
see Fig. 5
[2]
VI = 0 V; Vpu = 5.0 V; IO = 64 mA
VrefA = 3.3 V
-
3
-
Ω
VrefA = 1.8 V
-
4
-
Ω
VrefA = 1.0 V
-
7
-
Ω
VI = 0 V; Vpu = 5.0 V; IO = 32mA
VrefA = 1.8 V
-
4
-
Ω
VrefA = 2.5 V
-
3
-
Ω
VI = 1.8 V; Vpu = 5.0 V; IO = 15 mA
VrefA = 3.3 V
-
4
-
Ω
VI = 1.0 V; Vpu = 3.3 V; IO = 10 mA
VrefA = 1.8 V
-
7
-
Ω
VI = 0 V; Vpu = 3.3 V; IO = 10 mA
VrefA = 1.0 V
-
5
-
Ω
VI = 0 V; Vpu = 1.8 V; IO = 10 mA
RON
ON resistance
VrefA = 1.0 V
-
6
-
Ω
[1] All typical values are measured at Tamb = 25 °C.
[2] Measured by the voltage drop between the An and Bn pins at the indicated current through the switch. ON resistance is determined by
the lowest voltage of the two (An or Bn) pins.
LSF0101
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 3 — 8 February 2022
4 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com