Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0101 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # LSF0101
Description  1-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0101 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  LSF0101 Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Nexperia
LSF0101
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
aaa-030907
EN
refB
B1
LSF0101
refA
A1
Rpu
Vpu
VrefA
CEN
VI
IO
The A1 and B1 pins may be exchanged.
Rpu = 200 kΩ
CEN = 100 nF
Fig. 5. Test circuit for measuring RON
12. Dynamic characteristics
Table 8. Switching characteristics
GND = 0 V; for waveform see Fig. 6; for test circuit see Fig. 7
Tamb = -40 °C to +125 °C
Unit
Symbol Parameter
Conditions
Min
Typ[1]
Max
Translating down
A1 to B1 or B1 to A1;
VIH = Vpu = VrefA + 1 V
VrefA = 1.5 V; CL = 15 pF
-
0.35
-
ns
VrefA = 1.5 V; CL = 30 pF
-
0.8
-
ns
VrefA = 1.5 V; CL = 50 pF
-
1.2
-
ns
VrefA = 2.3 V; CL = 15 pF
-
0.3
-
ns
VrefA = 2.3 V; CL = 30 pF
-
0.7
-
ns
tPLH
LOW to HIGH
propagation delay
VrefA = 2.3 V; CL = 50 pF
-
1.1
-
ns
A1 to B1 or B1 to A1;
VIH = Vpu = VrefA + 1 V
VrefA = 1.5 V; CL = 15 pF
-
0.5
-
ns
VrefA = 1.5 V; CL = 30 pF
-
1.0
-
ns
VrefA = 1.5 V; CL = 50 pF
-
1.3
-
ns
VrefA = 2.3 V; CL = 15 pF
-
0.4
-
ns
VrefA = 2.3 V; CL = 30 pF
-
0.8
-
ns
tPHL
HIGH to LOW
propagation delay
VrefA = 2.3 V; CL = 50 pF
-
1.2
-
ns
LSF0101
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 3 — 8 February 2022
5 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com