Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0101 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # LSF0101
Description  1-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0101 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  LSF0101 Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
LSF0101
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
LSF0101GW
-40 °C to +125 °C
TSSOP6 plastic thin shrink small outline package; 6 leads;
body width 1.25 mm
SOT363-2
LSF0101GM
-40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1 × 1.45 × 0.5 mm
SOT886
LSF0101GX
-40 °C to +125 °C
X2SON6 plastic thermal enhanced extremely
thin small outline package; no leads;
6 terminals; body 1.0 × 0.8 × 0.32 mm
SOT1255-2
5. Marking
Table 2. Marking
Type number
Marking code[1]
LSF0101GW
h1
LSF0101GM
h1
LSF0101GX
h1
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
6. Functional diagram
aaa-030903
refA
refB
A1
EN
B1
Fig. 1. Logic symbol
7. Pinning information
7.1. Pinning
LSF0101
GND
EN
refA
A1
B1
aaa-030904
1
2
3
6
refB
5
4
Fig. 2. Pin configuration SOT363-2 (TSSOP6)
LSF0101
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 3 — 8 February 2022
2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com