Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLEC28P2RF Datasheet(PDF) 3 Page - ITT Industries

Part # SLEC28P2RF
Description  Snap-Lock Environmentally Sealed - Rectangular
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLEC28P2RF Datasheet(HTML) 3 Page - ITT Industries

  SLEC28P2RF Datasheet HTML 1Page - ITT Industries SLEC28P2RF Datasheet HTML 2Page - ITT Industries SLEC28P2RF Datasheet HTML 3Page - ITT Industries SLEC28P2RF Datasheet HTML 4Page - ITT Industries SLEC28P2RF Datasheet HTML 5Page - ITT Industries SLEC28P2RF Datasheet HTML 6Page - ITT Industries SLEC28P2RF Datasheet HTML 7Page - ITT Industries SLEC28P2RF Datasheet HTML 8Page - ITT Industries SLEC28P2RF Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
22
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
The Snap Lock Environmental Series is environmentally-sealed
connector created for printed circuit board, blackbox, cable-to-cable,
or bulkhead applications.
When your under-the-hood requirements call for tough performance,
the SLE "snaps" into a tightly sealed connection that can withstand
heat, shock and vibration. The connector is designed to preserve the
integrity of the solid state package, while protecting against
contaminants - even when unmated.
Polarization, scoop-proofing and hand insertion of contacts are part
of the package. Gold, tin/lead-plated stamped contacts add
durability. A rugged, thermoplastic receptacle body maximizes
performance by withstanding temperature variances from -40°C to
+125°C.
The SLE series is available in both 19 and 28 contact cavity
configurations. It can also be adapted to robotic assembly. Should
your requirement demand higher density configurations, consult
Customer Service.
·
Superior environmental sealing
·
-40°C to +125°C continuous operation at rated
current
·
Available in two sizes, 19 and 28 contacts
·
Crimp stamped gold, tin/lead plated contacts
·
Hand insertable/removable contacts
·
Current rating 5 A and 13 A versions
·
Low millivolt drop
·
Small footprint on P.C. board and low profile
·
5-way alternate polarization
·
Integral mold latch. Adaptable to robotic
assembly.
·
Multi-direction, easily assembled endbells
·
Optional secondary bail latch
·
Latch with tactile and audible feedback
·
Low installed cost
·
Meets both signal and power requirements
·
Versatile cable strain relief, up, down, straight, left
ad right, flange/bulkhead
·
Connector mating assurance
Contact Resistance
Insulation Resistance
Current Rating
Dielectric Withstanding Voltage
Applicable Cannon Specification
Operating Temperature
Crimp Contacts
Wire Size
Wire Insulations Sealing Range
Polarization
Contact Insertion
Contact Extraction
Contact Retention
Wire Strip Length
10 m
Ω maximum
100 M
Ω minimum
5 A signal continuous at 125°C all contacts
13 A power continuous at 125°C all contacts
1000 Vrms AC at sea level
CS-189
-40°C to +125°C
Semi-automatic or hand crimpable
20-16 AWG
2,41 (.095) to 3,30 (.130) dia.
'D' shaped interface with five alternate positions.
No tool required. Suitable for automation.
Rear removable
25 lbs. Minimum per contact
5,59 (.220) to 5,33 (.210)
Connector Housing
Contacts
Finish
Environmental Seal
High temperature thermoplastic
Copper alloy
Engaging area: Gold over nickel
Crimp/P.C. tail area: Tin/lead over nickel
High temperature silicone elastomer
Snap-Lock Environmentally Sealed - Rectangular
Cannon SLE
Product Feature and Benefits
Performance Specifications
Materials and Finishes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com