Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLEC28P2RF Datasheet(PDF) 11 Page - ITT Industries

Part # SLEC28P2RF
Description  Snap-Lock Environmentally Sealed - Rectangular
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLEC28P2RF Datasheet(HTML) 11 Page - ITT Industries

Back Button SLEC28P2RF Datasheet HTML 6Page - ITT Industries SLEC28P2RF Datasheet HTML 7Page - ITT Industries SLEC28P2RF Datasheet HTML 8Page - ITT Industries SLEC28P2RF Datasheet HTML 9Page - ITT Industries SLEC28P2RF Datasheet HTML 10Page - ITT Industries SLEC28P2RF Datasheet HTML 11Page - ITT Industries SLEC28P2RF Datasheet HTML 12Page - ITT Industries SLEC28P2RF Datasheet HTML 13Page - ITT Industries SLEC28P2RF Datasheet HTML 14Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
30
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Snap-Lock Environmentally Sealed - Rectangular
Hand Crimp Tool Operation
Cannon SLE
Hand Crimp Tool - CCT - SLC / SLE
Part Number: 995-0002-232
The CCT-SLC/SLE hand crimp tool is designed to crimp individual SLC/SLE contacts on wire sizes 16, 18, and 20 AWG.
Each cycle is ratchet-controlled (The tool must be completely closed before it can be reopened) to assure a satisfactory
crimp each time. Over and under crimps are eliminated.
This tool is for use when the requirement is for low to moderate volume quantities, and for on-site applications where semi-
automatic tools cannot be practically used.
1. Cycle the CCT - SLE / SLC hand tool to the open
position.
2. While pressing upward on the locator spring, insert
the contact with tails upward completely into the
locator.
3. When correctly positioned the contact should be
located beyond flush with the edge of the CCT - SLE
/ SLC and positioned in the concave polished split
level crimp.
4. Partially (usually the first click) Cycle the hand tool
assuring that the upward thrusting tails of the contact
has started engaging with the top jaw of the tool.
(There is a slight tendency for the contact to roll out
of vertical alignment.)
5. Insert the pre-stripped wire into the crimp area of
the contact and completely cycle the tool.
7. The result will be a perfect termination.
8. Note that there are no unterminated wire strands,
and that some strand ends can be seen at the
forward edge of the crimp. Also note the insulation is
gripped by the smaller secondary crimp. Distortion is
at a minimum, both axially and laterally - no sharp
edges.
6. While pressing upward on the locator spring
withdraw the crimp termination.
Wire Stripping
5 and 13 A Contact
Tolerance
A
B
Low
2,41 (.095)
5,33 (.210)
High
3,30 (.130)
5,59 (.220)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com