Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLEC28P2RF Datasheet(PDF) 12 Page - ITT Industries

Part # SLEC28P2RF
Description  Snap-Lock Environmentally Sealed - Rectangular
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLEC28P2RF Datasheet(HTML) 12 Page - ITT Industries

Back Button SLEC28P2RF Datasheet HTML 6Page - ITT Industries SLEC28P2RF Datasheet HTML 7Page - ITT Industries SLEC28P2RF Datasheet HTML 8Page - ITT Industries SLEC28P2RF Datasheet HTML 9Page - ITT Industries SLEC28P2RF Datasheet HTML 10Page - ITT Industries SLEC28P2RF Datasheet HTML 11Page - ITT Industries SLEC28P2RF Datasheet HTML 12Page - ITT Industries SLEC28P2RF Datasheet HTML 13Page - ITT Industries SLEC28P2RF Datasheet HTML 14Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
31
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
ABT-607 Pneumatic Crimper
ABT-500 UCCD
ABT-620 UCCS
The ABT-607 is a pneumatic powered and controlled
machine. It is designed for customers with moderate
volume. This machine is designed to semi-
automatically crimp stamped and formed contacts
onto pre-stripped stranded or single conductor
electrical wire. This machine will accommodate size
34 thru 12 AWG wire and is actuated by the use of a
foot pedal.
Machine Crimp Rate:
800 per hour
Power Requirements:
Pneumatic = 100 psi, 2 cu. ft. per min.
The ABT-500 Universal Cannon Crimp Die, is a
flywheel driven, electronically controlled machine that
is designed to semi-automatically crimp stamped and
formed contacts on stranded or single conductor, pre-
stripped wire. This machine will accommodate size
34 thru 12 WG wire. The machine is actuated by the
use of a foot pedal.
Machine Crimp Rate:
1300 per hour
Power Requirements:
Electrical = 115VAC, 60Hz, 20A
The ABT-620 Universal Cannon Crimper/Stripper is a
pneumatic powered, microprocessor controlled
machine. It is designed to semi-automatically strip
insulation from stranded or single conductor electrical
wire and attach a stamped and formed contact by
crimping. The machine will accommodate 34 thru 12
AWG wire. Primary application of the machine is the
termination of jacketed cable where the individual
leads cannot be stripped by fully automated
equipment. The ABT-620 UCCS operates
automatically upon insertion of a wire or it can be
switched over to foot pedal operation if desired.
Machine Crimp Rate:
1200+ per hour
Power Requirements:
Electrical = 115VAC, 60Hz, 20A
Pneumatic = 80 psi, 3 cu. ft. per min.
* For other geographical regions, contact Cannon for details.
Snap-Lock Environmentally Sealed - Rectangular
Lease Automatic Tooling - North America*
Cannon SLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com